Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 174Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 175Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 176Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 177Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 178Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 179Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 180Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 181Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 1504 page
background image
Section 7 Interrupt Controller
Rev. 2.00 Sep. 24, 2008 Page 146 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
15
SSI15
0
R/W
Software Standby Release IRQ Setting
This bit selects the IRQ15 interrupt used to leave
software standby mode.
0: An IRQ15 request is not sampled in software standby
mode
1: When an IRQ15 request occurs in software standby
mode, this LSI leaves software standby mode after
the oscillation settling time has elapsed
14 to 12
All 0
R/W
Reserved
These bits are always read as 0. The write value should
always be 0.
11
10
9
8
7
6
5
4
3
2
1
0
SSI11
SSI10
SSI9
SSI8
SSI7
SSI6
SSI5
SSI4
SSI3
SSI2
SSI1
SSI0
0
0
0
0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Software Standby Release IRQ Setting
These bits select the IRQn interrupt used to leave
software standby mode (n = 11 to 0).
0: An IRQn request is not sampled in software standby
mode
1: When an IRQn request occurs in software standby
mode, this LSI leaves software standby mode after
the oscillation settling time has elapsed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com