Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 179 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 179 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 175Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 176Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 177Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 178Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 179Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 180Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 181Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 182Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 183Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 1504 page
background image
Section 7 Interrupt Controller
Rev. 2.00 Sep. 24, 2008 Page 147 of 1468
REJ09B0412-0200
7.4
Interrupt Sources
7.4.1
External Interrupts
There are thirteen external interrupts: NMI and IRQ11 to IRQ0. These interrupts can be used to
leave software standby mode.
(1)
NMI Interrupts
Nonmaskable interrupt request (NMI) is the highest-priority interrupt, and is always accepted by
the CPU regardless of the interrupt control mode or the settings of the CPU interrupt mask bits.
The NMIEG bit in INTCR selects whether an interrupt is requested at the rising or falling edge on
the NMI pin.
When an NMI interrupt is generated, the interrupt controller determines that an error has occurred,
and performs the following procedure.
• Sets the ERR bit of DTCCR in the DTC to 1.
• Sets the ERRF bit of DMDR_0 in the DMAC to 1
• Sets the ERRF bit of EDMDR_0 in EXDMAC to 1.
• Clears the DTE bits of DMDRs for all channels in the DMAC to 0 to forcibly terminate
transfer.
• The DTE bits in EDMDR of all channels in EXDMAC are cleared to 0, and transfer is forcibly
terminated.
(2)
IRQn Interrupts
An IRQn interrupt is requested by a signal input on pins
IRQ11 to IRQ0. IRQn (n = 11 to 0) have
the following features:
• Using ISCR, it is possible to select whether an interrupt is generated by a low level, falling
edge, rising edge, or both edges, on pins
IRQn.
• Enabling or disabling of interrupt requests IRQn can be selected by IER.
• The interrupt priority can be set by IPR.
• The status of interrupt requests IRQn is indicated in ISR. ISR flags can be cleared to 0 by
software. The bit manipulation instructions and memory operation instructions should be used
to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com