Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 334 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 334 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 330Page - Renesas Technology Corp H8/3021 Datasheet HTML 331Page - Renesas Technology Corp H8/3021 Datasheet HTML 332Page - Renesas Technology Corp H8/3021 Datasheet HTML 333Page - Renesas Technology Corp H8/3021 Datasheet HTML 334Page - Renesas Technology Corp H8/3021 Datasheet HTML 335Page - Renesas Technology Corp H8/3021 Datasheet HTML 336Page - Renesas Technology Corp H8/3021 Datasheet HTML 337Page - Renesas Technology Corp H8/3021 Datasheet HTML 338Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 712 page
background image
9. Programmable Timing Pattern Controller
Rev.2.00 Mar. 22, 2007 Page 310 of 684
REJ09B0352-0200
Example of Non-Overlapping TPC Output (Example of Four-Phase Complementary Non-
Overlapping Output): Figure 9.7 shows an example of the use of TPC output for four-phase
complementary non-overlapping pulse output.
GRB
H'0000
NDRA
PADR
TP7
TP6
TP5
TP4
TP3
TP2
TP1
TP0
Time
95
00
65
95
59
56
95
65
05
65
41
59
50
56
14
95
05
65
TCNT
period is set in GRB. The non-overlap margin is set in GRA. The IMIEA bit is set to 1 in TIER to enable
IMFA interrupts.
H'FF is written in PADDR and NDERA, and bits G1CMS1, G1CMS0, G0CMS1, and G0CMS0 are set in
TPCR to select compare match in the ITU channel set up in step 1 as the output trigger.
TCNT value
Non-overlap margin
The ITU channel to be used as the output trigger channel is set up so that GRA and GRB are output
compare registers and the counter will be cleared by compare match B. The TPC output trigger
•
•
•
•
Bits G1NOV and G0NOV are set to 1 in TPMR to select non-overlapping output. Output data H'95 is
written in NDRA.
The timer counter in this ITU channel is started. When compare match B occurs, outputs change from
1 to 0. When compare match A occurs, outputs change from 0 to 1 (the change from 0 to 1 is delayed
by the value of GRA). The IMFA interrupt service routine writes the next output data (H'65) in NDRA.
Four-phase complementary non-overlapping pulse output can be obtained by writing H'59, H'56, H'95...
at successive IMFA interrupts.
GRA
Figure 9.7 Non-Overlapping TPC Output Example
(Four-Phase Complementary Non-Overlapping Pulse Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com