Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 83Page - Renesas Technology Corp H8/3021 Datasheet HTML 84Page - Renesas Technology Corp H8/3021 Datasheet HTML 85Page - Renesas Technology Corp H8/3021 Datasheet HTML 86Page - Renesas Technology Corp H8/3021 Datasheet HTML 87Page - Renesas Technology Corp H8/3021 Datasheet HTML 88Page - Renesas Technology Corp H8/3021 Datasheet HTML 89Page - Renesas Technology Corp H8/3021 Datasheet HTML 90Page - Renesas Technology Corp H8/3021 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 712 page
background image
3. MCU Operating Modes
Rev.2.00 Mar. 22, 2007 Page 63 of 684
REJ09B0352-0200
3.5
Pin Functions in Each Operating Mode
The pin functions of ports 1 to 3, port 5 and port A vary depending on the operating mode. Table
3.3 indicates their functions in each operating mode.
Table 3.3
Pin Functions in Each Mode
Port
Mode 1
Mode 2*
1
Mode 3
Mode 4*
1
Mode 5
Mode 6
Mode 7
Port 1
A
7 to A0
—
A
7 to A0
—
P1
7 to P10*
2
P1
7 to P10*
2
P1
7 to P10
Port 2
A
15 to A8
—
A
15 to A8
—
P2
7 to P20*
2
P2
7 to P20*
2
P2
7 to P20
Port 3
D
7 to D0
—
D
7 to D0
—
D
7 to D0
D
7 to D0
P3
7 to P30
Port 5
A
19 to A16
—
A
19 to A16
—
P5
3 to P50*
2
P5
3 to P50*
2
P5
3 to P50
Port A
PA
7 to PA4
—
PA
6 to PA4*
3,
A
20
—
PA
7 to PA4
PA
6 to PA4*
3,
A
20
PA
7 to PA4
Notes: 1. H8/3022 Group cannot be used in these modes.
2. Initial state. These pins become address output pins when the corresponding bits in the
data direction registers (P1DDR, P2DDR, P5DDR) are set to 1.
3. Initial state A
20 is always an address output pin. PA6 to PA4 are switched over to A23 to
A
21 output by writing 0 in bits 7 to 5 of ADRCR.
3.6
Memory Map in Each Operating Mode
Figure 3.1 shows a memory map of the H8/3022. Figure 3.2 shows a memory map of the H8/3021.
Figure 3.3 shows a memory map of the H8/3020. The address space is divided into eight areas.
Modes 1, 3, 5, and 6 are the 8-bit bus mode.
The address locations of the on-chip RAM and internal I/O registers differ between the 1-Mbyte
modes (modes 1, 5, and 7) and 16-Mbyte modes (mode 3 and 6). The address range specifiable by
the CPU in the 8- and 16-bit absolute addressing modes (@aa:8 and @aa:16) also differs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com