Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 35Page - Renesas Technology Corp H8/3021 Datasheet HTML 36Page - Renesas Technology Corp H8/3021 Datasheet HTML 37Page - Renesas Technology Corp H8/3021 Datasheet HTML 38Page - Renesas Technology Corp H8/3021 Datasheet HTML 39Page - Renesas Technology Corp H8/3021 Datasheet HTML 40Page - Renesas Technology Corp H8/3021 Datasheet HTML 41Page - Renesas Technology Corp H8/3021 Datasheet HTML 42Page - Renesas Technology Corp H8/3021 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 712 page
background image
2. CPU
Rev.2.00 Mar. 22, 2007 Page 15 of 684
REJ09B0352-0200
Section 2 CPU
2.1
Overview
The H8/300H CPU is a high-speed central processing unit with an internal 32-bit architecture that
is upward-compatible with the H8/300 CPU. The H8/300H CPU has sixteen 16-bit general
registers, can address a 16-Mbyte linear address space, and is ideal for realtime control.
2.1.1
Features
The H8/300H CPU has the following features.
• Upward compatibility with H8/300 CPU
Can execute H8/300 series object programs without alteration
• General-register architecture
Sixteen 16-bit general registers (also usable as sixteen 8-bit registers or eight 32-bit registers)
• Sixty-two basic instructions
⎯ 8/16/32-bit transfer, arithmetic and logic instructions
⎯ Multiply and divide instructions
⎯ Powerful bit-manipulation instructions
• Eight addressing modes
⎯ Register direct [Rn]
⎯ Register indirect [@ERn]
⎯ Register indirect with displacement [@(d:16, ERn) or @(d:24, ERn)]
⎯ Register indirect with post-increment or pre-decrement [@ERn+ or @–ERn]
⎯ Absolute address [@aa:8, @aa:16, or @aa:24]
⎯ Immediate [#xx:8, #xx:16, or #xx:32]
⎯ Program-counter relative [@(d:8, PC) or @(d:16, PC)]
⎯ Memory indirect [@@aa:8]
• 16-Mbyte linear address space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com