Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 36Page - Renesas Technology Corp H8/3021 Datasheet HTML 37Page - Renesas Technology Corp H8/3021 Datasheet HTML 38Page - Renesas Technology Corp H8/3021 Datasheet HTML 39Page - Renesas Technology Corp H8/3021 Datasheet HTML 40Page - Renesas Technology Corp H8/3021 Datasheet HTML 41Page - Renesas Technology Corp H8/3021 Datasheet HTML 42Page - Renesas Technology Corp H8/3021 Datasheet HTML 43Page - Renesas Technology Corp H8/3021 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 712 page
background image
2. CPU
Rev.2.00 Mar. 22, 2007 Page 16 of 684
REJ09B0352-0200
• High-speed operation
⎯ All frequently-used instructions execute in two to four states
⎯ Maximum clock frequency: 18 MHz
⎯ 8/16/32-bit register-register add/subtract:
111 ns
⎯ 8 × 8-bit register-register multiply: 778 ns
⎯ 16 ÷ 8-bit register-register divide:
778 ns
⎯ 16 × 16-bit register-register multiply: 1222 ns
⎯ 32 ÷ 16-bit register-register divide: 1222 ns
• Two CPU operating modes
⎯ Normal mode (cannot be used with this LSI)
⎯ Advanced mode
• Low-power mode
Transition to power-down state by SLEEP instruction
2.1.2
Differences from H8/300 CPU
In comparison to the H8/300 CPU, the H8/300H has the following enhancements.
• More general registers
Eight 16-bit registers have been added.
• Expanded address space
⎯ Advanced mode supports a maximum 16-Mbyte address space.
⎯ Normal mode supports the same 64-kbyte address space as the H8/300 CPU.
• Enhanced addressing
The addressing modes have been enhanced to make effective use of the 16-Mbyte address
space.
• Enhanced instructions
⎯ Data transfer, arithmetic, and logic instructions can operate on 32-bit data.
⎯ Signed multiply/divide instructions and other instructions have been added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com