Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 32Page - Renesas Technology Corp H8/3021 Datasheet HTML 33Page - Renesas Technology Corp H8/3021 Datasheet HTML 34Page - Renesas Technology Corp H8/3021 Datasheet HTML 35Page - Renesas Technology Corp H8/3021 Datasheet HTML 36Page - Renesas Technology Corp H8/3021 Datasheet HTML 37Page - Renesas Technology Corp H8/3021 Datasheet HTML 38Page - Renesas Technology Corp H8/3021 Datasheet HTML 39Page - Renesas Technology Corp H8/3021 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 712 page
background image
1. Overview
Rev.2.00 Mar. 22, 2007 Page 12 of 684
REJ09B0352-0200
Type
Symbol
Pin No.
I/O
Name and Function
System
control
RES
48
Input
Reset input: When driven low, this pin
resets the chip
RESO/
FWE
57
Output/
Input
Reset output (Mask ROM version):
Outputs WDT-generated reset signal to an
external device.
Write enable signal (F-ZTAT version):
Flash memory write control signal.
STBY
47
Input
Standby: When driven low, this pin forces a
transition to hardware standby mode
Interrupts
NMI
49
Input
Nonmaskable interrupt: Requests a
nonmaskable interrupt
IRQ
5, IRQ4
IRQ
1, IRQ0
72, 11,
69, 68
Input
Interrupt request 5, 4, 1, 0: Maskable
interrupt request pins
Address bus A
23 to A20,
A
19 to A8,
A
7 to A0
77 to 80,
42 to 31,
29 to 22
Output
Address bus: Outputs address signals
Data bus
D
7 to D0
20 to 13
Input/
output
Data bus: Bidirectional data bus
Bus control
AS
54
Output
Address strobe: Goes low to indicate valid
address output on the address bus
RD
55
Output
Read: Goes low to indicate reading from
the external address space.
WR
56
Output
Write: Goes low to indicate writing to the
external address space indicates valid data
on the data bus.
WAIT
43
Input
Wait: Requests insertion of wait states in
bus cycles during access to the external
address space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com