Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 34Page - Renesas Technology Corp H8/3021 Datasheet HTML 35Page - Renesas Technology Corp H8/3021 Datasheet HTML 36Page - Renesas Technology Corp H8/3021 Datasheet HTML 37Page - Renesas Technology Corp H8/3021 Datasheet HTML 38Page - Renesas Technology Corp H8/3021 Datasheet HTML 39Page - Renesas Technology Corp H8/3021 Datasheet HTML 40Page - Renesas Technology Corp H8/3021 Datasheet HTML 41Page - Renesas Technology Corp H8/3021 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 712 page
background image
1. Overview
Rev.2.00 Mar. 22, 2007 Page 14 of 684
REJ09B0352-0200
Type
Symbol
Pin No.
I/O
Name and Function
I/O ports
P1
7 to P10
29 to 22
Input/
output
Port 1: Eight input/output pins. The
direction of each pin can be selected in the
port 1 data direction register (P1DDR).
P2
7 to P20
38 to 31
Input/
output
Port 2: Eight input/output pins. The
direction of each pin can be selected in the
port 2 data direction register (P2DDR).
P3
7 to P30
20 to 13
Input/
output
Port 3: Eight input/output pins. The
direction of each pin can be selected in the
port 3 data direction register (P3DDR).
P5
3 to P50
42 to 39
Input/
output
Port 5: Four input/output pins. The direction
of each pin can be selected in the port 5
data direction register (P5DDR).
P6
5 to P63,
P6
0
56 to 54,
43
Input/
output
Port 6: Four input/output pins. The direction
of each pin can be selected in the port 6
data direction register (P6DDR).
P7
7 to P70
66 to 59
Input
Port 7: Eight input pins
P8
1, P80
69, 68
Input/
output
Port 8: Two input/output pins. The direction
of each pin can be selected in the port 8
data direction register (P8DDR).
P9
5 to
P9
0
72, 11
71, 10
70, 9
Input/
output
Port 9: Six input/output pins. The direction
of each pin can be selected in the port 9
data direction register (P9DDR).
PA
7 to PA0
80 to 73
Input/
output
Port A: Eight input/output pins. The
direction of each pin can be selected in the
port A data direction register (PADDR).
PB
7, PB5
to PB
0
8, 6 to 1
Input/
output
Port B: Seven input/output pins. The
direction of each pin can be selected in the
port B data direction register (PBDDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com