Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 33Page - Renesas Technology Corp H8/3021 Datasheet HTML 34Page - Renesas Technology Corp H8/3021 Datasheet HTML 35Page - Renesas Technology Corp H8/3021 Datasheet HTML 36Page - Renesas Technology Corp H8/3021 Datasheet HTML 37Page - Renesas Technology Corp H8/3021 Datasheet HTML 38Page - Renesas Technology Corp H8/3021 Datasheet HTML 39Page - Renesas Technology Corp H8/3021 Datasheet HTML 40Page - Renesas Technology Corp H8/3021 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 712 page
background image
1. Overview
Rev.2.00 Mar. 22, 2007 Page 13 of 684
REJ09B0352-0200
Type
Symbol
Pin No.
I/O
Name and Function
TCLKD to
TCLKA
76 to 73
Input
Clock input D to A: External clock inputs
16-bit
integrated
timer unit
(ITU)
TIOCA
4 to
TIOCA
0
3, 1, 79,
77, 75
Input/
Output
Input capture/output compare A4 to A0:
GRA4 to GRA0 output compare or input
capture, or PWM output
TIOCB
4 to
TIOCB
0
4, 2, 80,
78, 76
Input/
output
Input capture/output compare B4 to B0
GRB4 to GRB0 output compare or input
capture, or PWM output
TOCXA
4
5
Output
Output compare XA4: PWM output
TOCXB
4
6
Output
Output compare XB4: PWM output
Programm-
able timing
pattern
controller
(TPC)
TP
15,
TP
13 to
TP
0
8, 6 to 1
80 to 73
Output
TPC output 15, 13 to 0 : Pulse output
Serial com-
munication
TxD
1,
TxD
0
70, 9
Output
Transmit data:(channels 0 and 1): SCI data
output
interface
(SCI)
RxD
1,
RxD
0
71, 10
Input
Receive data:(channels 0 and 1): SCI data
input
SCK
1,
SCK
0
72, 11
Input/
output
Serial clock:(channels 0 and 1): SCI clock
input/output
A/D converter AN
7 to
AN
0
66 to 59
Input
Analog 7 to 0: Analog input pins
ADTRG
8
Input
A/D trigger: External trigger input for
starting A/D conversion
AV
CC
67
Input
Power supply pin and reference voltage
input pin for the A/D converter. Connect to
the system power supply when not using
the A/D converter
AV
SS
58
Input
Ground pin for the A/D converter. Connect
to system power-supply (0 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com