Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 24Page - Renesas Technology Corp H8/3021 Datasheet HTML 25Page - Renesas Technology Corp H8/3021 Datasheet HTML 26Page - Renesas Technology Corp H8/3021 Datasheet HTML 27Page - Renesas Technology Corp H8/3021 Datasheet HTML 28Page - Renesas Technology Corp H8/3021 Datasheet HTML 29Page - Renesas Technology Corp H8/3021 Datasheet HTML 30Page - Renesas Technology Corp H8/3021 Datasheet HTML 31Page - Renesas Technology Corp H8/3021 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 712 page
background image
1. Overview
Rev.2.00 Mar. 22, 2007 Page 4 of 684
REJ09B0352-0200
Feature
Description
Operating modes
Five MCU operating modes
Mode
Address
Space
Address
Pins
Bus
Width
Mode 1
1 Mbyte
A
0 to A19
8 bits
Mode 3
16 Mbytes
A
0 to A23
8 bits
Mode 5
1 Mbyte
A
0 to A19
8 bits
Mode 6
16 Mbytes
A
0 to A23
8 bits
Mode 7
1 Mbyte
—
—
• On-chip ROM is disabled in modes 1 and 3
• Sleep mode
Power-down
state
• Software standby mode
• Hardware standby mode
• Module standby function
• Programmable System clock frequency division
Other features
• On-chip clock oscillator
Product lineup
Model (3V)
Package
ROM
HD64F3022F
80-pin QFP (FP-80A)
Flash memory
HD64F3022TE
80-pin TQFP (TFP-80C)
HD6433022F
80-pin QFP (FP-80A)
Mask ROM
HD6433022TE
80-pin TQFP (TFP-80C)
HD6433021F
80-pin QFP (FP-80A)
Mask ROM
HD6433021TE
80-pin TQFP (TFP-80C)
HD6433020F
80-pin QFP (FP-80A)
Mask ROM
HD6433020TE
80-pin TQFP (TFP-80C)
Note:
*
Normal mode cannot be used with this LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com