Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 63Page - Renesas Technology Corp H8/3021 Datasheet HTML 64Page - Renesas Technology Corp H8/3021 Datasheet HTML 65Page - Renesas Technology Corp H8/3021 Datasheet HTML 66Page - Renesas Technology Corp H8/3021 Datasheet HTML 67Page - Renesas Technology Corp H8/3021 Datasheet HTML 68Page - Renesas Technology Corp H8/3021 Datasheet HTML 69Page - Renesas Technology Corp H8/3021 Datasheet HTML 70Page - Renesas Technology Corp H8/3021 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 712 page
background image
2. CPU
Rev.2.00 Mar. 22, 2007 Page 43 of 684
REJ09B0352-0200
Table 2.12
Absolute Address Access Ranges
Absolute
Address
1-Mbyte Modes
16-Mbyte Modes
8 bits
(@aa:8)
H'FFF00 to H'FFFFF
(1,048,320 to 1,048,575)
H'FFFF00 to H'FFFFFF
(16,776,960 to 16,777,215)
16 bits
(@aa:16)
H'00000 to H'07FFF,
H'F8000 to H'FFFFF
(0 to 32,767, 1,015,808 to 1,048,575)
H'000000 to H'007FFF,
H'FF8000 to H'FFFFFF
(0 to 32,767, 16,744,448 to 16,777,215)
24 bits
(@aa:24)
H'00000 to H'FFFFF
(0 to 1,048,575)
H'000000 to H'FFFFFF
(0 to 16,777,215)
6 Immediate—#xx:8, #xx:16, or #xx:32: The instruction code contains 8-bit (#xx:8), 16-bit
(#xx:16), or 32-bit (#xx:32) immediate data as an operand.
The instruction codes of the ADDS, SUBS, INC, and DEC instructions contain immediate data
implicitly. The instruction codes of some bit manipulation instructions contain 3-bit immediate
data specifying a bit number. The TRAPA instruction code contains 2-bit immediate data
specifying a vector address.
7 Program-Counter Relative—@(d:8, PC) or @(d:16, PC): This mode is used in the Bcc and
BSR instructions. An 8-bit or 16-bit displacement contained in the instruction code is sign-
extended to 24 bits and added to the 24-bit PC contents to generate a 24-bit branch address. The
PC value to which the displacement is added is the address of the first byte of the next instruction,
so the possible branching range is –126 to +128 bytes (–63 to +64 words) or –32766 to +32768
bytes (–16383 to +16384 words) from the branch instruction. The resulting value should be an
even number.
8 Memory Indirect—@@aa:8: This mode can be used by the JMP and JSR instructions. The
instruction code contains an 8-bit absolute address specifying a memory operand. This memory
operand contains a branch address. The memory operand is accessed by longword access. The first
byte of the memory operand is ignored, generating a 24-bit branch address. See figure 2.10. The
upper bits of the 8-bit absolute address are assumed to be 0 (H'0000), so the address range is 0 to
255 (H'000000 to H'0000FF). Note that the first part of this range is also the exception vector area.
For further details see section 5, Interrupt Controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com