Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 339 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 339 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 335Page - Renesas Technology Corp H8/3021 Datasheet HTML 336Page - Renesas Technology Corp H8/3021 Datasheet HTML 337Page - Renesas Technology Corp H8/3021 Datasheet HTML 338Page - Renesas Technology Corp H8/3021 Datasheet HTML 339Page - Renesas Technology Corp H8/3021 Datasheet HTML 340Page - Renesas Technology Corp H8/3021 Datasheet HTML 341Page - Renesas Technology Corp H8/3021 Datasheet HTML 342Page - Renesas Technology Corp H8/3021 Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 712 page
background image
10. Watchdog Timer
Rev.2.00 Mar. 22, 2007 Page 315 of 684
REJ09B0352-0200
Section 10 Watchdog Timer
10.1
Overview
The H8/3022 Group has an on-chip watchdog timer (WDT). The WDT has two selectable
functions: it can operate as a watchdog timer to supervise system operation, or it can operate as an
interval timer. As a watchdog timer, it generates a reset signal for the H8/3022 Group chip if a
system crash allows the timer counter (TCNT) to overflow before being rewritten. In interval
timer operation, an interval timer interrupt is requested at each TCNT overflow.
10.1.1
Features
WDT features are listed below.
• Selection of eight counter clock sources
φ/2, φ/32, φ/64, φ/128, φ/256, φ/512, φ/2048, or φ/4096
• Interval timer option
• Timer counter overflow generates a reset signal or interrupt.
The reset signal is generated in watchdog timer operation. An interval timer interrupt is
generated in interval timer operation.
• Watchdog timer reset signal resets the entire H8/3022 Group chip internally, and can also be
output externally.*
The reset signal generated by timer counter overflow during watchdog timer operation resets the
entire H8/3022 Group internally. An external reset signal can be output from the
RESO pin to
reset other system devices simultaneously.
Note: * The
RESO pin of the mask ROM version is the dedicated FWE input pin of the F-
ZTAT version. Therefore, the F-ZTAT version cannot output the reset signal to the
outside.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com