Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 348 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 344Page - Renesas Technology Corp H8/3021 Datasheet HTML 345Page - Renesas Technology Corp H8/3021 Datasheet HTML 346Page - Renesas Technology Corp H8/3021 Datasheet HTML 347Page - Renesas Technology Corp H8/3021 Datasheet HTML 348Page - Renesas Technology Corp H8/3021 Datasheet HTML 349Page - Renesas Technology Corp H8/3021 Datasheet HTML 350Page - Renesas Technology Corp H8/3021 Datasheet HTML 351Page - Renesas Technology Corp H8/3021 Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 712 page
background image
10. Watchdog Timer
Rev.2.00 Mar. 22, 2007 Page 324 of 684
REJ09B0352-0200
Writing to RSTCSR: RSTCSR must be written by a word transfer instruction. It cannot be
written by byte transfer instructions. Figure 10.3 shows the format of data written to RSTCSR. To
write 0 in the WRST bit, the write data must have H'A5 in the upper byte and H'00 in the lower
byte. The H'00 in the lower byte clears the WRST bit in RSTCSR to 0. To write to the RSTOE bit,
the upper byte must contain H'5A and the lower byte must contain the write data. Writing this
word transfers a write data value into the RSTOE bit.
15
8 7
0
H'A5
H'00
Address
H'FFAA*
15
8 7
0
H'5A
Write data
Address
H'FFAA*
Writing 0 in WRST bit
Writing to RSTOE bit
Note: * Lower 16 bits of the address.
Figure 10.3 Format of Data Written to RSTCSR
Reading TCNT, TCSR, and RSTCSR: These registers are read like other registers. Byte access
instructions can be used. The read addresses are H'FFA8 for TCSR, H'FFA9 for TCNT, and
H'FFAB for RSTCSR, as listed in table 10.3.
Table 10.3 Read Addresses of TCNT, TCSR, and RSTCSR
Address*
Register
H'FFA8
TCSR
H'FFA9
TCNT
H'FFAB
RSTCSR
Note:
*
Lower 16 bits of the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com