Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 442 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 442 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 438Page - Renesas Technology Corp H8/3021 Datasheet HTML 439Page - Renesas Technology Corp H8/3021 Datasheet HTML 440Page - Renesas Technology Corp H8/3021 Datasheet HTML 441Page - Renesas Technology Corp H8/3021 Datasheet HTML 442Page - Renesas Technology Corp H8/3021 Datasheet HTML 443Page - Renesas Technology Corp H8/3021 Datasheet HTML 444Page - Renesas Technology Corp H8/3021 Datasheet HTML 445Page - Renesas Technology Corp H8/3021 Datasheet HTML 446Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 712 page
background image
12. Smart Card Interface
Rev.2.00 Mar. 22, 2007 Page 418 of 684
REJ09B0352-0200
D0 D1 D2 D3 D4 D5 D6 D7 Dp DE
Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp
(DE)
Ds D0 D1 D2 D3 D4
Ds
Transfer
frame n+1
Retransferred frame
nth transfer frame
RDRF
[1]
PER
[2]
[3]
[4]
Figure 12.8 Retransfer Operation in SCI Receive Mode
• Retransfer operation when SCI is in transmit mode
Figure 12.9 illustrates the retransfer operation when the SCI is in transmit mode.
[6] If an error signal is sent back from the receiving end after transmission of one frame is
completed, the ERS bit in SSR is set to 1. If the RIE bit in SCR is enabled at this time, an ERI
interrupt request is generated. The ERS bit in SSR should be kept cleared to 0 until the next
parity bit is sampled.
[7] The TEND bit in SSR is not set for a frame for which an error signal indicating an abnormality
is received.
[8] If an error signal is not sent back from the receiving end, the ERS bit in SSR is not set.
[9] If an error signal is not sent back from the receiving end, transmission of one frame, including
a retransfer, is judged to have been completed, and the TEND bit in SSR is set to 1. If the TIE
bit in SCR is enabled at this time, a TXI interrupt request is generated.
D0 D1 D2 D3 D4 D5 D6 D7 Dp DE
Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp
(DE)
Ds D0 D1 D2 D3 D4
Ds
Transfer
frame n+1
Retransferred frame
nth transfer frame
TDRE
TEND
[6]
ERS
Transfer to TSR from TDR
[7]
[9]
[8]
Transfer to TSR from TDR
Transfer to TSR
from TDR
Figure 12.9 Retransfer Operation in SCI Transmit Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com