Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 447 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 447 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 443Page - Renesas Technology Corp H8/3021 Datasheet HTML 444Page - Renesas Technology Corp H8/3021 Datasheet HTML 445Page - Renesas Technology Corp H8/3021 Datasheet HTML 446Page - Renesas Technology Corp H8/3021 Datasheet HTML 447Page - Renesas Technology Corp H8/3021 Datasheet HTML 448Page - Renesas Technology Corp H8/3021 Datasheet HTML 449Page - Renesas Technology Corp H8/3021 Datasheet HTML 450Page - Renesas Technology Corp H8/3021 Datasheet HTML 451Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 712 page
background image
13. A/D Converter
Rev.2.00 Mar. 22, 2007 Page 423 of 684
REJ09B0352-0200
13.2
Register Descriptions
13.2.1
A/D Data Registers A to D (ADDRA to ADDRD)
Bit
ADDRn
Initial value
14
AD8
0
R
12
AD6
0
R
10
AD4
0
R
8
AD2
0
R
6
AD0
0
R
0
—
0
R
4
—
0
R
2
—
0
R
15
AD9
0
R
13
AD7
0
R
11
AD5
0
R
9
AD3
0
R
7
AD1
0
R
1
—
0
R
5
—
0
R
3
—
0
R
A/D conversion data
10-bit data giving an
A/D conversion result
Reserved bits
Read/Write
(n = A to D)
The four A/D data registers (ADDRA to ADDRD) are 16-bit read-only registers that store the
results of A/D conversion.
An A/D conversion produces 10-bit data, which is transferred for storage into the A/D data
register corresponding to the selected channel. The upper 8 bits of the result are stored in the upper
byte of the A/D data register. The lower 2 bits are stored in the lower byte. Bits 5 to 0 of an A/D
data register are reserved bits that always read 0. Table 13.3 indicates the pairings of analog input
channels and A/D data registers.
The CPU can always read the A/D data registers. The upper byte can be read directly, but the
lower byte is read through a temporary register (TEMP). For details see section 13.3, CPU
Interface.
The A/D data registers are initialized to H'0000 by a reset and in standby mode.
Table 13.3
Analog Input Channels and A/D Data Registers
Analog Input Channel
Group 0
Group 1
A/D Data Register
AN
0
AN
4
ADDRA
AN
1
AN
5
ADDRB
AN
2
AN
6
ADDRC
AN
3
AN
7
ADDRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com