Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 471 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 471 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 467Page - Renesas Technology Corp H8/3021 Datasheet HTML 468Page - Renesas Technology Corp H8/3021 Datasheet HTML 469Page - Renesas Technology Corp H8/3021 Datasheet HTML 470Page - Renesas Technology Corp H8/3021 Datasheet HTML 471Page - Renesas Technology Corp H8/3021 Datasheet HTML 472Page - Renesas Technology Corp H8/3021 Datasheet HTML 473Page - Renesas Technology Corp H8/3021 Datasheet HTML 474Page - Renesas Technology Corp H8/3021 Datasheet HTML 475Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 471 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 447 of 684
REJ09B0352-0200
15.2.2
Mode Transitions
When the mode pins and the FWE pin are set in the reset state and a reset-start is executed, the
microcomputer enters an operating mode as shown in figure 15.2. In user mode, flash memory can
be read but not programmed or erased.
The boot, user program and PROM modes are provided as modes to write and erase the flash
memory.
Boot mode
On-board programming mode
User
program mode
User mode
Reset state
PROM mode
RES = 0
FWE = 0
*1
*5
*1
*2
*3
*4
*4
RES = 0
RES = 0
RES = 0
Notes: Only make a transition between user mode and user program mode when the CPU is not accessing
the flash memory.
1. RAM emulation possible
2. The H8/3022F is placed in PROM mode by means of a dedicated PROM programmer.
3. MD2, MD1, MD0 = (0, 0, 1) (0, 1, 0) (0, 1, 1)
FWE = 1
4. MD2, MD1, MD0 = (1, 0, 1) (1, 1, 0) (1, 1, 1)
FWE = 1
5. MD2, MD1, MD0 = (1, 0, 1) (1, 1, 0) (1, 1, 1)
FWE = 0
Figure 15.2 Flash Memory State Transitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com