Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 601 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 601 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 597Page - Renesas Technology Corp H8/3021 Datasheet HTML 598Page - Renesas Technology Corp H8/3021 Datasheet HTML 599Page - Renesas Technology Corp H8/3021 Datasheet HTML 600Page - Renesas Technology Corp H8/3021 Datasheet HTML 601Page - Renesas Technology Corp H8/3021 Datasheet HTML 602Page - Renesas Technology Corp H8/3021 Datasheet HTML 603Page - Renesas Technology Corp H8/3021 Datasheet HTML 604Page - Renesas Technology Corp H8/3021 Datasheet HTML 605Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 601 / 712 page
background image
Appendix A. Instruction Set
Rev.2.00 Mar. 22, 2007 Page 577 of 684
REJ09B0352-0200
A.3
Number of States Required for Execution
The tables in this section can be used to calculate the number of states required for instruction
execution by the H8/300H CPU. Table A.3 indicates the number of states required per cycle
according to the bus size. Table A.4 indicates the number of instruction fetch, data read/write, and
other cycles occurring in each instruction. The number of states required for execution of an
instruction can be calculated from these two tables as follows:
Number of states = I
× S
I + J × SJ + K × SK + L × SL + M × SM + N × SN
Examples of Calculation of Number of States Required for Execution
Examples: Advanced mode, stack located in external address space, on-chip supporting modules
accessed with 8-bit bus width, external devices accessed in three states with one wait state and
16-bit bus width.
BSET #0, @FFFFC7:8
From table A.3, S
I = 4 and SL = 3
From table A.4, I = L = 2 and J = K = M = N = 0
Number of states = 2
× 4 + 2 × 3 = 14
JSR @@30
From table A.3, S
I = SJ = SK = 4
From table A.4, I = J = K = 2 and L = M = N = 0
Number of states = 2
× 4 + 2 × 4 + 2 × 4 = 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com