Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 621 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 621 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 617Page - Renesas Technology Corp H8/3021 Datasheet HTML 618Page - Renesas Technology Corp H8/3021 Datasheet HTML 619Page - Renesas Technology Corp H8/3021 Datasheet HTML 620Page - Renesas Technology Corp H8/3021 Datasheet HTML 621Page - Renesas Technology Corp H8/3021 Datasheet HTML 622Page - Renesas Technology Corp H8/3021 Datasheet HTML 623Page - Renesas Technology Corp H8/3021 Datasheet HTML 624Page - Renesas Technology Corp H8/3021 Datasheet HTML 625Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 621 / 712 page
background image
Appendix B. Internal I/O Register Field
Rev.2.00 Mar. 22, 2007 Page 597 of 684
REJ09B0352-0200
FLMCR2—Flash Memory Control Register 2
H'41
Flash memory
Bit
76
54
321
0
FLER
—
—
—
—
—
—
Initial value
Note : This register is used only in the flash memory versions.
Reading the corresponding address in a mask ROM version will always return
1s, and writes to this address are disabled.
01
11
111
1
Read/Write
R
—
—
—
—
—
—
—
—
Flash memory error
0
1
Flash memory write/erase protection is disabled (Initial value)
An error has occurred during flash memory writing/erasing
Flash memory error protection is enabled
EBR1—Erase Block Register 1
H'42
Flash memory
Bit
7
EB7
6
EB6
5
EB5
4
EB4
3
EB3
2
EB2
1
EB1
0
EB0
0
1
Block EB7 to EB0 is not selected (Initial value)
Block EB7 to EB0 is selected
Block 7 to 0
Initial value
Read/Write
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
Note: When not erasing, clear all EBR bits to 0.
This register is used only in the flash memory versions. Reading the
corresponding address in a mask ROM version will always return 1s, and
writes to this address are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com