Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 632 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 632 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 628Page - Renesas Technology Corp H8/3021 Datasheet HTML 629Page - Renesas Technology Corp H8/3021 Datasheet HTML 630Page - Renesas Technology Corp H8/3021 Datasheet HTML 631Page - Renesas Technology Corp H8/3021 Datasheet HTML 632Page - Renesas Technology Corp H8/3021 Datasheet HTML 633Page - Renesas Technology Corp H8/3021 Datasheet HTML 634Page - Renesas Technology Corp H8/3021 Datasheet HTML 635Page - Renesas Technology Corp H8/3021 Datasheet HTML 636Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 632 / 712 page
background image
Appendix B. Internal I/O Register Field
Rev.2.00 Mar. 22, 2007 Page 608 of 684
REJ09B0352-0200
TIER0—Timer Interrupt Enable Register 0
H'66
ITU0
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
—
1
—
3
—
1
—
0
IMIEA
0
R/W
2
OVIE
0
R/W
1
IMIEB
0
R/W
Input capture/compare match interrupt enable A
0
IMIA interrupt requested by IMFA is disabled
1
IMIA interrupt requested by IMFA is enabled
Input capture/compare match interrupt enable B
0
IMIB interrupt requested by IMFB is disabled
1
IMIB interrupt requested by IMFB is enabled
Overflow interrupt enable
0
OVI interrupt requested by OVF is disabled
1
OVI interrupt requested by OVF is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com