Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 663 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 663 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 659Page - Renesas Technology Corp H8/3021 Datasheet HTML 660Page - Renesas Technology Corp H8/3021 Datasheet HTML 661Page - Renesas Technology Corp H8/3021 Datasheet HTML 662Page - Renesas Technology Corp H8/3021 Datasheet HTML 663Page - Renesas Technology Corp H8/3021 Datasheet HTML 664Page - Renesas Technology Corp H8/3021 Datasheet HTML 665Page - Renesas Technology Corp H8/3021 Datasheet HTML 666Page - Renesas Technology Corp H8/3021 Datasheet HTML 667Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 663 / 712 page
background image
Appendix B. Internal I/O Register Field
Rev.2.00 Mar. 22, 2007 Page 639 of 684
REJ09B0352-0200
P6DDR—Port 6 Data Direction Register
H'C9
Port 6
Bit
Initial value
Read/Write
7
—
1
—
6
—
0
W
5
P6 DDR
0
W
5
4
P6 DDR
0
W
4
3
P6 DDR
0
W
3
2
—
0
W
1
—
0
W
0
P6 DDR
0
W
0
Port 6 input/output select
0
Generic input
1
Generic output
P5DR—Port 5 Data Register
H'CA
Port 5
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
—
1
—
3
P53
0
R/W
2
P52
0
R/W
1
P51
0
R/W
0
P50
0
R/W
Data for port 5 pins
P6DR—Port 6 Data Register
H'CB
Port 6
Bit
Initial value
Read/Write
7
—
1
—
6
—
0
R/W
5
P6
0
R/W
5
4
P6
0
R/W
4
3
P6
0
R/W
3
2
—
0
R/W
1
—
0
R/W
0
P6
0
R/W
0
Data for port 6 pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com