Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 124Page - Renesas Technology Corp H8/3021 Datasheet HTML 125Page - Renesas Technology Corp H8/3021 Datasheet HTML 126Page - Renesas Technology Corp H8/3021 Datasheet HTML 127Page - Renesas Technology Corp H8/3021 Datasheet HTML 128Page - Renesas Technology Corp H8/3021 Datasheet HTML 129Page - Renesas Technology Corp H8/3021 Datasheet HTML 130Page - Renesas Technology Corp H8/3021 Datasheet HTML 131Page - Renesas Technology Corp H8/3021 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 712 page
background image
5. Interrupt Controller
Rev.2.00 Mar. 22, 2007 Page 104 of 684
REJ09B0352-0200
5.5.2
Instructions that Inhibit Interrupts
The LDC, ANDC, ORC, and XORC instructions inhibit interrupts. When an interrupt occurs, after
determining the interrupt priority, the interrupt controller requests a CPU interrupt. If the CPU is
currently executing one of these interrupt-inhibiting instructions, however, when the instruction is
completed the CPU always continues by executing the next instruction.
5.5.3
Interrupts during EEPMOV Instruction Execution
The EEPMOV.B and EEPMOV.W instructions differ in their reaction to interrupt requests.
When the EEPMOV.B instruction is executing a transfer, no interrupts are accepted until the
transfer is completed, not even NMI.
When the EEPMOV.W instruction is executing a transfer, interrupt requests other than NMI are
not accepted until the transfer is completed. If NMI is requested, NMI exception handling starts at
a transfer cycle boundary. The PC value saved on the stack is the address of the next instruction.
Programs should be coded as follows to allow for NMI interrupts during EEPMOV.W execution:
L1: EEPMOV.W
MOV.W R4, R4
BNE
L1
5.5.4
Usage Notes
The IRQnF flag specification calls for the flag to be cleared by writing 0 to it after it has been read
while set to 1. However, it is possible for the IRQnF flag to be cleared by mistake simply by
writing 0 to it, irrespective of whether it has been read while set to 1, with the result that interrupt
exception handling is not executed. This will occur when the following conditions are met.
1
Setting conditions
(1) Multiple external interrupts (IRQa, IRQb) are being used.
(2) Different clearing methods are being used: clearing by writing 0 for the IRQaF flag, and
clearing by hardware for the IRQbF flag.
(3) A bit-manipulation instruction is used on the IRQ status register for clearing the IRQaF flag, or
else ISR is read as a byte unit, the IRQaF flag bit is cleared, and the values read in the other
bits are written as a byte unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com