Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 145Page - Renesas Technology Corp H8/3021 Datasheet HTML 146Page - Renesas Technology Corp H8/3021 Datasheet HTML 147Page - Renesas Technology Corp H8/3021 Datasheet HTML 148Page - Renesas Technology Corp H8/3021 Datasheet HTML 149Page - Renesas Technology Corp H8/3021 Datasheet HTML 150Page - Renesas Technology Corp H8/3021 Datasheet HTML 151Page - Renesas Technology Corp H8/3021 Datasheet HTML 152Page - Renesas Technology Corp H8/3021 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 712 page
background image
6. Bus Controller
Rev.2.00 Mar. 22, 2007 Page 125 of 684
REJ09B0352-0200
6.3.4
Interconnections with Memory (Example)
For each area, the bus controller can select two- or three-state access. In three-state-access areas,
wait states can be inserted in a variety of modes, simplifying the connection of both high-speed
and low-speed devices.
Figure 6.10 shows a memory map for this example.
A 32-kword
× 8-bit EPROM is connected to area 2. This device is accessed in three states via an
8-bit bus.
Two 32-kword
× 8-bit SRAM devices (SRAM1 and SRAM2) are connected to area 3. These
devices are accessed in two states via an 8-bit bus.
One 32-kword
× 8-bit SRAM (SRAM3) is connected to area 7. This device is accessed via an 8-bit
bus, using three-state access with an additional wait state inserted in pin auto-wait mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com