Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 153Page - Renesas Technology Corp H8/3021 Datasheet HTML 154Page - Renesas Technology Corp H8/3021 Datasheet HTML 155Page - Renesas Technology Corp H8/3021 Datasheet HTML 156Page - Renesas Technology Corp H8/3021 Datasheet HTML 157Page - Renesas Technology Corp H8/3021 Datasheet HTML 158Page - Renesas Technology Corp H8/3021 Datasheet HTML 159Page - Renesas Technology Corp H8/3021 Datasheet HTML 160Page - Renesas Technology Corp H8/3021 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 133 of 684
REJ09B0352-0200
7.2
Port 1
7.2.1
Overview
Port 1 is an 8-bit input/output port with the pin configuration shown in figure 7.1. The pin
functions differ between the expanded modes with on-chip ROM disabled, expanded modes with
on-chip ROM enabled, and single-chip mode. In modes 1, 3 (expanded modes with on-chip ROM
disabled), they are address bus output pins (A
7 to A0).
In modes 5 and 6 (expanded modes with on-chip ROM enabled), settings in the port 1 data
direction register (P1DDR) can designate pins for address bus output (A
7 to A0) or generic input.
In mode 7 (single-chip mode), port 1 is a generic input/output port.
Pins in port 1 can drive one TTL load and a 90-pF capacitive load. They can also drive a
Darlington transistor pair.
Port 1
P1 /A
P1 /A
P1 /A
P1 /A
P1 /A
P1 /A
P1 /A
P1 /A
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
P1 (input/output)
P1 (input/output)
P1 (input/output)
P1 (input/output)
P1 (input/output)
P1 (input/output)
P1 (input/output)
P1 (input/output)
7
6
5
4
3
2
1
0
A (output)
A (output)
A (output)
A (output)
A (output)
A (output)
A (output)
A (output)
7
6
5
4
3
2
1
0
Port 1 pins
Mode 7
Modes 1 and 3
P1 (input)/A (output)
P1 (input)/A (output)
P1 (input)/A (output)
P1 (input)/A (output)
P1 (input)/A (output)
P1 (input)/A (output)
P1 (input)/A (output)
P1 (input)/A (output)
7
6
5
4
3
2
1
0
Modes 5 and 6
7
6
5
4
3
2
1
0
Figure 7.1 Port 1 Pin Configuration
7.2.2
Register Descriptions
Table 7.2 summarizes the registers of port 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com