Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 161Page - Renesas Technology Corp H8/3021 Datasheet HTML 162Page - Renesas Technology Corp H8/3021 Datasheet HTML 163Page - Renesas Technology Corp H8/3021 Datasheet HTML 164Page - Renesas Technology Corp H8/3021 Datasheet HTML 165Page - Renesas Technology Corp H8/3021 Datasheet HTML 166Page - Renesas Technology Corp H8/3021 Datasheet HTML 167Page - Renesas Technology Corp H8/3021 Datasheet HTML 168Page - Renesas Technology Corp H8/3021 Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 141 of 684
REJ09B0352-0200
Port 2
A
(output)
A
(output)
A
(output)
A
(output)
A
(output)
A
(output)
A (output)
A (output)
15
14
13
12
11
10
9
8
When P2DDR = 1
P2 (input)
P2 (input)
P2 (input)
P2 (input)
P2 (input)
P2 (input)
P2 (input)
P2 (input)
7
6
5
4
3
2
1
0
When P2DDR = 0
Figure 7.7 Pin Functions in Modes 5 and 6 (Port 2)
Mode 7: Input or output can be selected separately for each pin in port 2. A pin becomes an output
pin if the corresponding P2DDR bit is set to 1, and an input pin if this bit is cleared to 0. Figure
7.8 shows the pin functions in mode 7.
Port 2
P2 (input/output)
P2 (input/output)
P2 (input/output)
P2 (input/output)
P2 (input/output)
P2 (input/output)
P2 (input/output)
P2 (input/output)
7
6
5
4
3
2
1
0
Figure 7.8 Pin Functions in Mode 7 (Port 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com