Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 225Page - Renesas Technology Corp H8/3021 Datasheet HTML 226Page - Renesas Technology Corp H8/3021 Datasheet HTML 227Page - Renesas Technology Corp H8/3021 Datasheet HTML 228Page - Renesas Technology Corp H8/3021 Datasheet HTML 229Page - Renesas Technology Corp H8/3021 Datasheet HTML 230Page - Renesas Technology Corp H8/3021 Datasheet HTML 231Page - Renesas Technology Corp H8/3021 Datasheet HTML 232Page - Renesas Technology Corp H8/3021 Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 205 of 684
REJ09B0352-0200
Bit 0—PWM Mode 0 (PWM0): Selects whether channel 0 operates normally or in PWM mode.
Bit
PWM0
Description
0
Channel 0 operates normally
(Initial value)
1
Channel 0 operates in PWM mode
When bit PWM0 is set to 1 to select PWM mode, pin TIOCA0 becomes a PWM output pin. The
output goes to 1 at compare match with general register A0 (GRA0), and to 0 at compare match
with general register B0 (GRB0).
8.2.4
Timer Function Control Register (TFCR)
TFCR is an 8-bit readable/writable register that selects complementary PWM mode, reset-
synchronized PWM mode, and buffering for channels 3 and 4.
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
CMD1
0
R/W
4
CMD0
0
R/W
3
BFB4
0
R/W
0
BFA3
0
R/W
2
BFA4
0
R/W
1
BFB3
0
R/W
Reserved bits
Combination mode 1/0
These bits select complementary
PWM mode or reset-synchronized
PWM mode for channels 3 and 4
Buffer mode B4 and A4
These bits select buffering of
general registers (GRB4 and
GRA4) by buffer registers
(BRB4 and BRA4) in channel 4
Buffer mode B3 and A3
These bits select buffering
of general registers (GRB3
and GRA3) by buffer
registers (BRB3 and BRA3)
in channel 3
TFCR is initialized to H'C0 by a reset and in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com