Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 242Page - Renesas Technology Corp H8/3021 Datasheet HTML 243Page - Renesas Technology Corp H8/3021 Datasheet HTML 244Page - Renesas Technology Corp H8/3021 Datasheet HTML 245Page - Renesas Technology Corp H8/3021 Datasheet HTML 246Page - Renesas Technology Corp H8/3021 Datasheet HTML 247Page - Renesas Technology Corp H8/3021 Datasheet HTML 248Page - Renesas Technology Corp H8/3021 Datasheet HTML 249Page - Renesas Technology Corp H8/3021 Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 222 of 684
REJ09B0352-0200
Bits 7 to 3—Reserved: These bits cannot be modified and are always read as 1.
Bit 2—Overflow Interrupt Enable (OVIE): Enables or disables the interrupt requested by the
overflow flag (OVF) in TSR when OVF is set to 1.
Bit 2
OVIE
Description
0
OVI interrupt requested by OVF is disabled
(Initial value)
1
OVI interrupt requested by OVF is enabled
Bit 1—Input Capture/Compare Match Interrupt Enable B (IMIEB): Enables or disables the
interrupt requested by the IMFB flag in TSR when IMFB is set to 1.
Bit 1
IMIEB
Description
0
IMIB interrupt requested by IMFB is disabled
(Initial value)
1
IMIB interrupt requested by IMFB is enabled
Bit 0—Input Capture/Compare Match Interrupt Enable A (IMIEA): Enables or disables the
interrupt requested by the IMFA flag in TSR when IMFA is set to 1.
Bit 0
IMIEA
Description
0
IMIA interrupt requested by IMFA is disabled
(Initial value)
1
IMIA interrupt requested by IMFA is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com