Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 255Page - Renesas Technology Corp H8/3021 Datasheet HTML 256Page - Renesas Technology Corp H8/3021 Datasheet HTML 257Page - Renesas Technology Corp H8/3021 Datasheet HTML 258Page - Renesas Technology Corp H8/3021 Datasheet HTML 259Page - Renesas Technology Corp H8/3021 Datasheet HTML 260Page - Renesas Technology Corp H8/3021 Datasheet HTML 261Page - Renesas Technology Corp H8/3021 Datasheet HTML 262Page - Renesas Technology Corp H8/3021 Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 235 of 684
REJ09B0352-0200
Input selection
Select input-capture input
Start counter
Input capture
Set TIOR to select the input capture function of a
general register and the rising edge, falling edge,
or both edges of the input capture signal. Clear the
port data direction bit to 0 before making these
TIOR settings.
Set the STR bit to 1 in TSTR to start the timer
counter.
1
2
1.
2.
Figure 8.23 Setup Procedure for Input Capture (Example)
• Examples of input capture
Figure 8.24 illustrates input capture when the falling edge of TIOCB and both edges of TIOCA
are selected as capture edges. TCNT is cleared by input capture into GRB.
H'0005
H'0180
Time
H'0180
H'0160
H'0005
H'0000
TIOCB
TIOCA
GRA
GRB
Counter cleared by TIOCB
input (falling edge)
TCNT value
H'0160
Figure 8.24 Input Capture (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com