Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 272Page - Renesas Technology Corp H8/3021 Datasheet HTML 273Page - Renesas Technology Corp H8/3021 Datasheet HTML 274Page - Renesas Technology Corp H8/3021 Datasheet HTML 275Page - Renesas Technology Corp H8/3021 Datasheet HTML 276Page - Renesas Technology Corp H8/3021 Datasheet HTML 277Page - Renesas Technology Corp H8/3021 Datasheet HTML 278Page - Renesas Technology Corp H8/3021 Datasheet HTML 279Page - Renesas Technology Corp H8/3021 Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 252 of 684
REJ09B0352-0200
TCNT4
OVF
Buffer transfer
signal (BR to GR)
GR
H'0001
H'0000
H'FFFF
H'0000
Set to 1
Flag not set
No buffer transfer
Buffer transfer
Underflow
Overflow
Figure 8.38 Undershoot Timing
In channel 3, IMFA is set to 1 only during up-counting. In channel 4, OVF is set to 1 only when
an underflow occurs. When buffering is selected, buffer register contents are transferred to the
general register at compare match A3 during up-counting, and when TCNT4 underflows.
General Register Settings in Complementary PWM Mode: When setting up general registers
for complementary PWM mode or changing their settings during operation, note the following
points.
• Initial settings
Do not set values from H'0000 to T – 1 (where T is the initial value of TCNT3). After the
counters start and the first compare match A3 event has occurred, however, settings in this
range also become possible.
• Changing settings
Use the buffer registers. Correct waveform output may not be obtained if a general register is
written to directly.
• Cautions on changes of general register settings
Figure 8.39 shows six correct examples and one incorrect example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com