Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 327 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 323Page - Renesas Technology Corp H8/3021 Datasheet HTML 324Page - Renesas Technology Corp H8/3021 Datasheet HTML 325Page - Renesas Technology Corp H8/3021 Datasheet HTML 326Page - Renesas Technology Corp H8/3021 Datasheet HTML 327Page - Renesas Technology Corp H8/3021 Datasheet HTML 328Page - Renesas Technology Corp H8/3021 Datasheet HTML 329Page - Renesas Technology Corp H8/3021 Datasheet HTML 330Page - Renesas Technology Corp H8/3021 Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 712 page
background image
9. Programmable Timing Pattern Controller
Rev.2.00 Mar. 22, 2007 Page 303 of 684
REJ09B0352-0200
Bit 3—Group 3 Non-Overlap (G3NOV): Selects normal or non-overlapping TPC output for
group 3 (TP
15 to TP12)*.
Bit 3
G3NOV
Description
0
Normal TPC output in group 3 (output values change at
compare match A in the selected ITU channel)
(Initial value)
1
Non-overlapping TPC output in group 3 (independent 1 and 0
output at compare match A and B in the selected ITU channel)
Note: * Since this LSI does not have a TP
14 pin, the TP14 signal cannot be output off-chip.
Bit 2—Group 2 Non-Overlap (G2NOV): Selects normal or non-overlapping TPC output for
group 2 (TP
11 to TP8).
Bit 2
G2NOV
Description
0
Normal TPC output in group 2 (output values change at
compare match A in the selected ITU channel)
(Initial value)
1
Non-overlapping TPC output in group 2 (independent 1 and 0
output at compare match A and B in the selected ITU channel)
Bit 1—Group 1 Non-Overlap (G1NOV): Selects normal or non-overlapping TPC output for
group 1 (TP
7 to TP4).
Bit 1
G1NOV
Description
0
Normal TPC output in group 1 (output values change at
compare match A in the selected ITU channel)
(Initial value)
1
Non-overlapping TPC output in group 1 (independent 1 and 0
output at compare match A and B in the selected ITU channel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com