Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 157Page - Renesas Technology Corp M30620ECFS Datasheet HTML 158Page - Renesas Technology Corp M30620ECFS Datasheet HTML 159Page - Renesas Technology Corp M30620ECFS Datasheet HTML 160Page - Renesas Technology Corp M30620ECFS Datasheet HTML 161Page - Renesas Technology Corp M30620ECFS Datasheet HTML 162Page - Renesas Technology Corp M30620ECFS Datasheet HTML 163Page - Renesas Technology Corp M30620ECFS Datasheet HTML 164Page - Renesas Technology Corp M30620ECFS Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
UART2 Special Mode Register 2
146
Bit 0 of the UART2 special mode register 2 (address 037616) is used as the I2C mode selection bit 2.
Table 1.19.10 shows the types of control to be changed by I2C mode selection bit 2 when the I2C mode
selection bit is set to “1”. Table 1.19.11 shows the timing characteristics of detecting the start condition
and the stop condition. Set the start/stop condition control bit (bit 7 of UART2 special mode register 2) to
“1” in I2C mode.
Function
IICM2 = 1
IICM2 = 0
Factor of interrupt number 15
No acknowledgment detection (NACK)
UART2 transmission (the rising edge
of the final bit of the clock)
Factor of interrupt number 16
Acknowledgment detection (ACK)
UART2 reception (the falling edge
of the final bit of the clock)
DMA1 factor at the time when 1 1 0 1
is assigned to the DMA request
factor selection bits
Acknowledgment detection (ACK)
UART2 reception (the falling edge of
the final bit of the clock)
Timing for transferring data from the
UART2 reception shift register to the
reception buffer.
The rising edge of the final bit of the
reception clock
The falling edge of the final bit of the
reception clock
Timing for generating a UART2
reception/ACK interrupt request
The rising edge of the final bit of the
reception clock
The falling edge of the final bit of the
reception clock
1
2
3
4
5
3 to 6 cycles < duration for setting-up (Note2)
3 to 6 cycles < duration for holding (Note2)
Note 1 : When the start/stop condition count bit is "1" .
Note 2 : "cycles" is in terms of the input oscillation frequency f(XIN) of the main clock.
Duration for
setting up
Duration for
holding
SCL
SDA
(Start condition)
SDA
(Stop condition)
Table 1.19.10. Functions changed by I2C mode selection bit 2
Table 1.19.11. Timing characteristics of detecting the start condition and the stop condition (Note1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com