Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 159Page - Renesas Technology Corp M30620ECFS Datasheet HTML 160Page - Renesas Technology Corp M30620ECFS Datasheet HTML 161Page - Renesas Technology Corp M30620ECFS Datasheet HTML 162Page - Renesas Technology Corp M30620ECFS Datasheet HTML 163Page - Renesas Technology Corp M30620ECFS Datasheet HTML 164Page - Renesas Technology Corp M30620ECFS Datasheet HTML 165Page - Renesas Technology Corp M30620ECFS Datasheet HTML 166Page - Renesas Technology Corp M30620ECFS Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
UART2 Special Mode Register 2
148
Bit 4 of the UART2 special mode register 2 (address 037616) is used as the UART2 initialization bit.
Setting this bit to "1", and when the start condition is detected, the microcomputer operates as follows.
(1) The transmission shift register is initialized, and the content of the transmission register is transferred
to the transmission shift register. This starts transmission by dealing with the clock entered next as the
first bit. The UART2 output value, however, doesn’t change until the first bit data is output after the
entrance of the clock, and remains unchanged from the value at the moment when the microcomputer
detected the start condition.
(2) The reception shift register is initialized, and the microcomputer starts reception by dealing with the
clock entered next as the first bit.
(3) The SCL wait output bit turns to "1". This turns the SCL pin to "L" at the falling edge of the ninth bit of
the clock.
Starting to transmit/receive signals to/from UART2 using this function doesn’t change the value of the
transmission buffer empty flag. To use this function, choose the external clock for the transfer clock.
Bit 5 of the UART2 special mode register 2 (037616) is used as the SCL pin wait output bit 2. Setting this
bit to "1" with the serial I/O specified allows the user to forcibly output an "L" from the SCL pin even if
UART2 is in operation. Setting this bit to "0" frees the "L" output from the SCL pin, and the UART2 clock
is input/output.
Bit 6 of the UART2 special mode register 2 (037616) is used as the SDA output disable bit. Setting this bit
to "1" forces the SDA pin to turn to the high-impedance state. Refrain from changing the value of this bit
at the rising edge of the UART2 transfer clock. There can be instances in which arbitration lost detection
flag is turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com