Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 162Page - Renesas Technology Corp M30620ECFS Datasheet HTML 163Page - Renesas Technology Corp M30620ECFS Datasheet HTML 164Page - Renesas Technology Corp M30620ECFS Datasheet HTML 165Page - Renesas Technology Corp M30620ECFS Datasheet HTML 166Page - Renesas Technology Corp M30620ECFS Datasheet HTML 167Page - Renesas Technology Corp M30620ECFS Datasheet HTML 168Page - Renesas Technology Corp M30620ECFS Datasheet HTML 169Page - Renesas Technology Corp M30620ECFS Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
S I/O3, 4
151
Table 1.19.12. Specifications of S I/O3, 4
Note 1: n is a value from 0016 through FF16 set in the S I/Oi transfer rate register (i = 3, 4).
Note 2: With the external clock selected:
• Before data can be written to the SI/Oi transmit/receive register (addresses 036016, 036416), the
CLKi pin input must be in the high state. Also, before rewriting the SI/Oi Control Register (addresses
036216, 036616)’s bit 7 (SOUTi initial value set bit), make sure the CLKi pin input is held high.
• The S I/Oi circuit keeps on with the shift operation as long as the synchronous clock is entered in it,
so stop the synchronous clock at the instant when it counts to eight. The internal clock, if selected,
automatically stops.
Note 3: If the internal clock is used for the synchronous clock, the transfer clock signal stops at the “H” state.
Item
Transfer data format
Transfer clock
Conditions for
transmission/
reception start
Interrupt request
generation timing
Select function
Precaution
Specifications
• Transfer data length: 8 bits
• With the internal clock selected (bit 6 of 036216, 036616 = “1”): f1/2(ni+1),
f8/2(ni+1), f32/2(ni+1) (Note 1)
• With the external clock selected (bit 6 of 036216, 036616 = 0):Input from the CLKi terminal (Note 2)
• To start transmit/reception, the following requirements must be met:
- Select the synchronous clock (use bit 6 of 036216, 036616).
Select a frequency dividing ratio if the internal clock has been selected (use bits
0 and 1 of 036216, 036616).
- SOUTi initial value set bit (use bit 7 of 036216, 036616)= 1.
- S I/Oi port select bit (bit 3 of 036216, 036616) = 1.
- Select the transfer direction (use bit 5 of 036216, 036616)
-Write transfer data to SI/Oi transmit/receive register (036016, 036416)
• To use S I/Oi interrupts, the following requirements must be met:
- Clear the SI/Oi interrupt request bit before writing transfer data to the SI/Oi
transmit/receive register (bit 3 of 004916, 004816) = 0.
• Rising edge of the last transfer clock. (Note 3)
• LSB first or MSB first selection
Whether transmission/reception begins with bit 0 (LSB) or bit 7 (MSB) can be
selected.
• Function for setting an SOUTi initial value selection
When using an external clock for the transfer clock, the user can choose the
SOUTi pin output level during a non-transfer time. For details on how to set, see
Figure 1.19.33.
• Unlike UART0–2, SI/Oi (i = 3, 4) is not divided for transfer register and buffer.
Therefore, do not write the next transfer data to the SI/Oi transmit/receive register
(addresses 036016, 036416) during a transfer. When the internal clock is selected
for the transfer clock, SOUTi holds the last data for a 1/2 transfer clock period after
it finished transferring and then goes to a high-impedance state. However, if the
transfer data is written to the SI/Oi transmit/receive register (addresses 036016,
036416) during this time, SOUTi is placed in the high-impedance state immediately
upon writing and the data hold time is thereby reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com