Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 161Page - Renesas Technology Corp M30620ECFS Datasheet HTML 162Page - Renesas Technology Corp M30620ECFS Datasheet HTML 163Page - Renesas Technology Corp M30620ECFS Datasheet HTML 164Page - Renesas Technology Corp M30620ECFS Datasheet HTML 165Page - Renesas Technology Corp M30620ECFS Datasheet HTML 166Page - Renesas Technology Corp M30620ECFS Datasheet HTML 167Page - Renesas Technology Corp M30620ECFS Datasheet HTML 168Page - Renesas Technology Corp M30620ECFS Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
S I/O3, 4
150
SI/Oi bit rate generator
b7
b0
Symbol
Address
When reset
S3BRG
036316
Indeterminate
S4BRG
036716
Indeterminate
Indeterminate
Assuming that set value = n, BRGi divides the count
source by n + 1
0016 to FF16
Values that can be set
W
R
SI/Oi transmit/receive register
b7
b0
Symbol
Address
When reset
S3TRR
036016
Indeterminate
S4TRR
036416
Indeterminate
Indeterminate
Transmission/reception starts by writing data to this register.
After transmission/reception finishes, reception data is input.
W
R
S I/Oi control register (i = 3, 4) (Note 1)
Symbol
Address
When reset
SiC
036216, 036616
4016
b7
b6
b5
b4 b3
b2
b1
b0
W
R
Description
SMi5
SMi1
SMi0
SMi3
SMi6
SMi7
Internal synchronous
clock select bit
Transfer direction select
bit
S I/Oi port select bit
(Note 2)
SOUTi initial value
set bit
0 0 : Selecting f1
0 1 : Selecting f8
1 0 : Selecting f32
1 1 : Not to be used
b1 b0
0 : External clock
1 : Internal clock
Effective when SMi3 = 0
0 : L output
1 : H output
0 : Input-output port
1 : SOUTi output, CLK function
Bit name
Bit
symbol
Synchronous clock
select bit (Note 2)
0 : LSB first
1 : MSB first
SMi2
SOUTi output disable bit
0 : SOUTi output
1 : SOUTi output disable(high impedance)
Note 1: Set “1” in bit 2 of the protection register (000A16) in advance to write to the
S I/Oi control register (i = 3, 4).
Note 2:
When using the port as an input/output port by setting the SI/Oi port
select bit (i = 3, 4) to “0”, be sure to set the sync clock select bit to “1”.
Nothing is assigned.
In an attempt to write to this bit, write “0”. The value, if read, turns out to be “0”.
Figure 1.19.32. S I/O3, 4 related register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com