Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 158Page - Renesas Technology Corp M30620ECFS Datasheet HTML 159Page - Renesas Technology Corp M30620ECFS Datasheet HTML 160Page - Renesas Technology Corp M30620ECFS Datasheet HTML 161Page - Renesas Technology Corp M30620ECFS Datasheet HTML 162Page - Renesas Technology Corp M30620ECFS Datasheet HTML 163Page - Renesas Technology Corp M30620ECFS Datasheet HTML 164Page - Renesas Technology Corp M30620ECFS Datasheet HTML 165Page - Renesas Technology Corp M30620ECFS Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
UART2 Special Mode Register 2
147
IICM=1
and IICM2=0
IICM=1
and IICM2=0
IICM=0
or
IICM2=1
IICM=0
or IICM2=1
To DMA0, DMA1
To DMA0
I/0
Noize
Filter
P71/RXD2/SCL
Reception register
CLK
control
UART2
Noize
Filter
UART2
P72/CLK2
D
T
Q
D
T
Q
UART2
UART2
R
IICM=1
IICM=0
IICM=0
IICM=1
IICM=1
IICM=0
S
R
Q
R
S
SWC
Falling of 9th pulse
SWC2
Start condition detection
Stop condition detection
Falling edge
detection
L-synchronous
output enabling bit
Data register
Selector
Internal clock
External clock
Selector
I/0
Timer
Port reading
Bus
busy
UART2 transmission/
NACK interrupt
request
UART2 reception/ACK interrupt request
DMA1 request
NACK
ACK
IICM=1
IICM=0
*
With IICM set to 1, the port terminal is to be readable
even if 1 is assigned to P71 of the direction register.
Bus collision
detection
9th pulse
Bus collision/start, stop condition detection
interrupt request
I/0
delay
Noize
Filter
UART2
P70/TXD2/SDA
D
T
Q
UART2
IICM=1
IICM=0
ALS
SDHI
Selector
Timer
Arbitration
Transmission register
Functions available in I2C mode are shown in Figure 1.19.30 — a functional block diagram.
Bit 3 of the UART2 special mode register 2 (address 037616) is used as the SDA output stop bit. Setting
this bit to "1" causes an arbitration loss to occur, and the SDA pin turns to high-impedance state the
instant when the arbitration loss detection flag is set to "1".
Bit 1 of the UART2 special mode register 2 (address 037616) is used as the clock synchronization bit.
With this bit set to "1" at the time when the internal SCL is set to "H", the internal SCL turns to "L" if the
falling edge is found in the SCL pin; and the baud rate generator reloads the set value, and start counting
within the "L" interval. When the internal SCL changes from "L" to "H" with the SCL pin set to "L", stops
counting the baud rate generator, and starts counting it again when the SCL pin turns to "H". Due to this
function, the UART2 transmission-reception clock becomes the logical product of the signal flowing
through the internal SCL and that flowing through the SCL pin. This function operates over the period
from the moment earlier by a half cycle than falling edge of the UART2 first clock to the rising edge of the
ninth bit. To use this function, choose the internal clock for the transfer clock.
Bit 2 of the UART2 special mode register 2 (037616) is used as the SCL wait output bit. Setting this bit to
"1" causes the SCL pin to be fixed to "L" at the falling edge of the ninth bit of the clock. Setting this bit to
"0" frees the output fixed to "L".
Figure 1.19.30. Functional block diagram for I2C mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com