Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7713 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 37Page - Renesas Technology Corp SH7713 Datasheet HTML 38Page - Renesas Technology Corp SH7713 Datasheet HTML 39Page - Renesas Technology Corp SH7713 Datasheet HTML 40Page - Renesas Technology Corp SH7713 Datasheet HTML 41Page - Renesas Technology Corp SH7713 Datasheet HTML 42Page - Renesas Technology Corp SH7713 Datasheet HTML 43Page - Renesas Technology Corp SH7713 Datasheet HTML 44Page - Renesas Technology Corp SH7713 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 904 page
background image
Section 1 Overview and Pin Function
Rev.1.50 Aug. 30, 2006 Page 1 of 860
REJ09B0288-0150
Section 1 Overview and Pin Function
This LSI is a 32-bit reduced instruction set computer (RISC) microprocessor that is built on the
SuperH architecture.
Its core is a RISC-type CPU with a Digital Signal Processor (DSP) as a functional extension. A
single chip microprocessor integrates peripheral functions required for building an Ethernet
system.
The LSI comprises one channel of Ethernet controller. It includes a media access controller
(MAC) and a media independent interface (MII) standard unit that conforms to the IEE802.3u
standard and provides 10/100 Mbps LAN connection.
The LSI has a large capacity (32-kbyte) cache memory, 16-kbyte on-chip X/Y memory, and an
interrupt controller for system configuration to enable flexible system design. It supports high-
speed data transfer using an on-chip direct memory access controller (DMAC). Its external
memory access support provides direct connection to various types of memory.
The strong on-chip power saving function reduces power consumption even during high-speed
operation.
1.1
Features
The features of this LSI are shown below.
CPU:
• Original Renesas-Technology SuperH architecture
• Compatible with SH-1, SH-2, and SH-3 at object code level
• 32-bit internal data bus
• Various groups of built-in registers
General registers: Sixteen 32-bit registers (including eight 32-bit bank registers)
Control registers: Five 32-bit registers
System registers: Four 32-bit registers
• Supports RISC-type instruction set
Instruction length: 16-bit fixed length for improved code efficiency
Load/store architecture
Delayed branch instructions
Instruction set based on C language
• Instruction execution time: one instruction/cycle for basic instructions
• Logical address space: 4 Gbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com