Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7713 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 53Page - Renesas Technology Corp SH7713 Datasheet HTML 54Page - Renesas Technology Corp SH7713 Datasheet HTML 55Page - Renesas Technology Corp SH7713 Datasheet HTML 56Page - Renesas Technology Corp SH7713 Datasheet HTML 57Page - Renesas Technology Corp SH7713 Datasheet HTML 58Page - Renesas Technology Corp SH7713 Datasheet HTML 59Page - Renesas Technology Corp SH7713 Datasheet HTML 60Page - Renesas Technology Corp SH7713 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 904 page
background image
Section 1 Overview and Pin Function
Rev.1.50 Aug. 30, 2006 Page 17 of 860
REJ09B0288-0150
Pin No.
(FP-256G/GV)
Pin No.
(BP-256H/HV
)
Pin Name
I/O
Description
208
C14
VccQ
I/O power supply (3.3 V)
209
A15
VssQ
I/O power supply (0 V)
210
D14
AUDATA3
O
AUD data
211
B13
AUDATA2
O
AUD data
212
C13
AUDATA1
O
AUD data
213
A14
AUDATA0
O
AUD data
214
D13
RESETM
I
Manual reset request
215
A13
RESETP
I
Power-on reset request
216
C12
NMI
I
Non-maskable interrupt request
217
B12
IRQ0/
IRL0
I
External interrupt request
218
D12
IRQ1/
IRL1
I
External interrupt request
219
A12
IRQ2/
IRL2
I
External interrupt request
220
C11
IRQ3/
IRL3
I
External interrupt request
221
B11
Vcc
Internal power supply (1.5 V)
222
D11
Vss
Internal power supply (0 V)
223
A11
STATUS0
O
Processor status
224
A10
STATUS1
O
Processor status
225
D10
CKIO2
O
System clock output
226
A9
DACK0
O
DMA acknowledge 0
227
C10
VccQ
I/O power supply (3.3 V)
228
B10
VssQ
I/O power supply (0 V)
229
D9
DACK1
O
DMA acknowledge 1
230
A8
DREQ0
I
DMA request 0
231
C9
DREQ1
I
DMA request 1
232
B9
PTC0/SCK_SIO1
IO/IO
I/O port C/SIOF1 communication clock
233
D8
PTC1/SIOMCLK1
IO/I
I/O port C/SIOF1 clock input
234
A7
PTC2/RXD_SIO1
IO/I
I/O port C/SIOF1 receive data
235
C8
Vcc
Internal power supply (1.5 V)
236
B8
Vss
Internal power supply (0 V)
237
D7
PTC3/TXD_SIO1
IO/O
I/O port C/SIOF1 transmit data
238
A6
PTC4/SIOFSYNC1
IO/IO
I/O port C/SIOF1 frame sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com