Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7713 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 51Page - Renesas Technology Corp SH7713 Datasheet HTML 52Page - Renesas Technology Corp SH7713 Datasheet HTML 53Page - Renesas Technology Corp SH7713 Datasheet HTML 54Page - Renesas Technology Corp SH7713 Datasheet HTML 55Page - Renesas Technology Corp SH7713 Datasheet HTML 56Page - Renesas Technology Corp SH7713 Datasheet HTML 57Page - Renesas Technology Corp SH7713 Datasheet HTML 58Page - Renesas Technology Corp SH7713 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 904 page
background image
Section 1 Overview and Pin Function
Rev.1.50 Aug. 30, 2006 Page 15 of 860
REJ09B0288-0150
Pin No.
(FP-256G/GV)
Pin No.
(BP-256H/HV
)
Pin Name
I/O
Description
150
N17
VssQ
I/O power supply (0 V)
151
N20
NC
152
M18
VssQ
I/O power supply (0 V)
153
M19
NC
154
M17
VssQ
I/O power supply (0 V)
155
M20
TEND1*
5
O
DMA transfer end notification 1
156
L18
IRQ5*
5
I
External interrupt request
157
L19
CRS0
I
MAC carrier detection
158
L17
Vcc
Internal power supply (1.5 V)
159
L20
Vss
Internal power supply (0 V)
160
K20
COL0
I
MAC collision detection
161
K17
ETXD03
O
MAC transmit data 3
162
J20
ETXD02
O
MAC transmit data 2
163
K18
ETXD01
O
MAC transmit data 1
164
K19
ETXD00
O
MAC transmit data 0
165
J17
TX-EN0
O
MAC transmit enable
166
H20
TX-CLK0
I
MAC transmit clock
167
J18
VccQ
I/O power supply (3.3 V)
168
J19
VssQ
I/O power supply (0 V)
169
H17
TX-ER0
O
MAC transmit error
170
G20
RX-ER0
I
MAC receive error
171
H18
RX-CLK0
I
MAC receive clock
172
H19
RX-DV0
I
MAC receive data valid
173
G17
ERXD00
I
MAC receive data 0
174
F20
ERXD01
I
MAC receive data 1
175
G18
ERXD02
I
MAC receive data 2
176
E20
Vcc
Internal power supply (1.5 V)
177
F17
Vss
Internal power supply (0 V)
178
G19
ERXD03
I
MAC receive data 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com