Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7713 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 75Page - Renesas Technology Corp SH7713 Datasheet HTML 76Page - Renesas Technology Corp SH7713 Datasheet HTML 77Page - Renesas Technology Corp SH7713 Datasheet HTML 78Page - Renesas Technology Corp SH7713 Datasheet HTML 79Page - Renesas Technology Corp SH7713 Datasheet HTML 80Page - Renesas Technology Corp SH7713 Datasheet HTML 81Page - Renesas Technology Corp SH7713 Datasheet HTML 82Page - Renesas Technology Corp SH7713 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 904 page
background image
Section 2 CPU
Rev.1.50 Aug. 30, 2006 Page 39 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
28
BL
1
R/W
Block
Specifies whether an exception, interrupt, or user break is
enabled or not.
0: Enables an exception, interrupt, or user break.
1: Disables an exception, interrupt, or user break.
The BL bit is set to 1 in reset or exception handling state.
27 to
10
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
9
8
M
Q
R/W
R/W
M Bit
Q Bit
These bits are used by the DIV0S, DIV0U, and DIV1
instructions. These bits can be changed even in user
mode by using the DIV0S, DIV0U, and DIV1 instructions.
These bits are undefined at reset. These bits do not
change in an exception handling state.
7 to 4
I3 to I0
All 1
R/W
Interrupt Mask
Indicates the interrupt mask level. These bits do not
change even if an interrupt occurs. At reset, these bits are
initialized to B'1111. These bits are not affected in an
exception handling state.
3, 2
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
1
S
R/W
Saturation Mode
Specifies the saturation mode for multiply instructions or
multiply and accumulate instructions. This bit can be
specified by the SETS and CLRS instructions in user
mode.
At reset, this bit is undefined. This bit is not affected in an
exception handling state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com