Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7713 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 68Page - Renesas Technology Corp SH7713 Datasheet HTML 69Page - Renesas Technology Corp SH7713 Datasheet HTML 70Page - Renesas Technology Corp SH7713 Datasheet HTML 71Page - Renesas Technology Corp SH7713 Datasheet HTML 72Page - Renesas Technology Corp SH7713 Datasheet HTML 73Page - Renesas Technology Corp SH7713 Datasheet HTML 74Page - Renesas Technology Corp SH7713 Datasheet HTML 75Page - Renesas Technology Corp SH7713 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 904 page
background image
Section 2 CPU
Rev.1.50 Aug. 30, 2006 Page 32 of 860
REJ09B0288-0150
2.3
Register Descriptions
This LSI provides thirty-three 32-bit registers: 24 general registers, five control registers, three
system registers, and one program counter.
General Registers: This LSI incorporates 24 general registers: R0_BANK0 to R7_BANK0,
R0_BANK1 to R7_BANK1 and R8 to R15. R0 to R7 are banked. The process mode and the
register bank (RB) bit in the status register (SR) define which set of banked registers (R0_BANK0
to R7_BANK0 or R0_BANK1 to R7_BANK1) are accessed as general registers.
System Registers: This LSI incorporates the multiply and accumulate registers (MACH/MACL)
and procedure register (PR) as system registers. These registers can be accessed regardless of the
processing mode.
Program Counter: The program counter stores the value obtained by adding 4 to the current
instruction address.
Control Registers: This LSI incorporates the status register (SR), global base register (GBR),
save status register (SSR), save program counter (SPC), and vector base register as control
register. Only the GBR can be accessed in user mode. Control registers other than the GBR can be
accessed only in privileged mode.
Table 2.2 shows the register values after reset. Figure 2.3 shows the register configurations in each
process mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com