Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7713 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 38Page - Renesas Technology Corp SH7713 Datasheet HTML 39Page - Renesas Technology Corp SH7713 Datasheet HTML 40Page - Renesas Technology Corp SH7713 Datasheet HTML 41Page - Renesas Technology Corp SH7713 Datasheet HTML 42Page - Renesas Technology Corp SH7713 Datasheet HTML 43Page - Renesas Technology Corp SH7713 Datasheet HTML 44Page - Renesas Technology Corp SH7713 Datasheet HTML 45Page - Renesas Technology Corp SH7713 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 904 page
background image
Section 1 Overview and Pin Function
Rev.1.50 Aug. 30, 2006 Page 2 of 860
REJ09B0288-0150
• Space identifier ASID: 8 bits, 256 logical address spaces
• Supports five-stage pipeline
DSP:
• Mixture of 16-bit and 32-bit instructions
• 32-/40-bit internal data bus
• Multiplier, ALU, and barrel shifter
• 16-bit × 16-bit → 32-bit one cycle multiplier
• Large-capacity DSP data registers
Six 32-bit data registers
Two 40-bit data registers
• Supports extended harvard architecture for DSP data bus
Two data buses
One instruction bus
• Maximum four parallel operations
ALU, multiply, and two load/store
• Two addressing units to generate addresses for two memory access
• Supports DSP data addressing modes
Increment and indexing (with or without modulo addressing)
• Zero-overhead repeat loop control
• Conditional execution instructions
• Supports user DSP mode and privileged DSP mode
Memory management unit (MMU):
• 4 Gbytes of address space, 256 address spaces (8-bit ASID)
• Page unit sharing
• Supports multiple page sizes
1 kbyte or 4 kbytes
• Supports 128-entry, 4-way set associative TLB
• Supports software selection of replacement way and random-replacement algorithms
• Contents of TLB are directly accessible by address mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com