Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7713 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 44Page - Renesas Technology Corp SH7713 Datasheet HTML 45Page - Renesas Technology Corp SH7713 Datasheet HTML 46Page - Renesas Technology Corp SH7713 Datasheet HTML 47Page - Renesas Technology Corp SH7713 Datasheet HTML 48Page - Renesas Technology Corp SH7713 Datasheet HTML 49Page - Renesas Technology Corp SH7713 Datasheet HTML 50Page - Renesas Technology Corp SH7713 Datasheet HTML 51Page - Renesas Technology Corp SH7713 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 904 page
background image
Section 1 Overview and Pin Function
Rev.1.50 Aug. 30, 2006 Page 8 of 860
REJ09B0288-0150
1.3
Pin Description
1.3.1
Pin Assignment
HQFP2828-256
(FP-256G/GV)
Top view
128
127
126
125
124
123
122
121
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
VccQ(3.3V)
PTA7/SIOFSYNC0
PTA6/TXD_SIO0
PTA5/RXD_SIO0
PTA4/SIOMCLK0
PTA3/SCK_SIO0
VssQ(0V)
VccQ(3.3V)
PTA2/SCIF0CK
PTA1/TXD0
PTA0/RXD0
PTB7/
RTS0
PTB6/
CTS0
PTB5/SCIF1CK
Vss(0V)
Vcc(1.5V)
PTB4/TXD1
PTB3/RXD1
PTB2/
RTS1
PTB1/
CTS1
VssQ(0V)
VccQ(3.3V)
PTB0
A25
A24
A23
A22
A21
Vss(0V)
Vcc(1.5V)
A20
A19
A18
D31
D30
VssQ(0V)
VccQ(3.3V)
D29
D28
D27
D26
D25
D24
D23
Vss(0V)
Vcc(1.5V)
VssQ(0V)
VccQ(3.3V)
D22
D21
D20
D19
D18
D17
D16
VssQ(0V)
VccQ(3.3V)
WE3(BE3)/DQMUU/ICIOWR
WE2(BE2)/DQMUL/ICIORD
A17
A16
A15
A14
A13
193
194
195
196
197
198
199
200
201
202
203
204
205
206
207
208
209
210
211
212
213
214
215
216
217
218
219
220
221
222
223
224
225
226
227
228
229
230
231
232
233
234
235
236
237
238
239
240
241
242
243
244
245
246
247
248
249
250
251
252
253
254
255
256
VccQ-RTC(3.3V)
XTAL2
EXTAL2
VssQ-RTC(0V)
ASEMD0
TDI
TMS
TDO
TRST
TCK
ASEBRKAK
AUDSYNC
AUDCK
Vcc(1.5V)
Vss(0V)
VccQ(3.3V)
VssQ(0V)
AUDATA3
AUDATA2
AUDATA1
AUDATA0
RESETM
RESETP
NMI
IRQ0/
IRL0
IRQ1/
IRL1
IRQ2/
IRL2
IRQ3/
IRL3
Vcc(1.5V)
Vss(0V)
STATUS0
STATUS1
CKIO2
DACK0
VccQ(3.3V)
VssQ(0V)
DACK1
DREQ0
DREQ1
PTC0/SCK_SIO1
PTC1/SIOMCLK1
PTC2/RXD_SIO1
Vcc(1.5V)
Vss(0V)
PTC3/TXD_SIO1
PTC4/SIOFSYNC1
PTC5/
CE2A
PTC6/
CE2B
VccQ(3.3V)
VssQ(0V)
PTC7/
IOIS16
CS5B/CE1A
CS6B/CE1B
VssQ(0V)
MD0
MD1
MD2
MD3
Vcc-PLL1(1.5V)
Vss-PLL1(0V)
Vcc-PLL2(1.5V)
Vss-PLL2(0V)
XTAL
EXTAL
Figure 1.2 Pin Assignment (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com