Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7713 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 40Page - Renesas Technology Corp SH7713 Datasheet HTML 41Page - Renesas Technology Corp SH7713 Datasheet HTML 42Page - Renesas Technology Corp SH7713 Datasheet HTML 43Page - Renesas Technology Corp SH7713 Datasheet HTML 44Page - Renesas Technology Corp SH7713 Datasheet HTML 45Page - Renesas Technology Corp SH7713 Datasheet HTML 46Page - Renesas Technology Corp SH7713 Datasheet HTML 47Page - Renesas Technology Corp SH7713 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 904 page
background image
Section 1 Overview and Pin Function
Rev.1.50 Aug. 30, 2006 Page 4 of 860
REJ09B0288-0150
Peripheral clock (P clock): 33 MHz (max)
• Supports power-down modes:
Sleep mode
Software standby mode
Module standby mode
• A single channel on-chip watch dog timer
Watchdog timer mode and interval timer mode is selectable.
An interrupt can be generated in interval timer mode.
Bus state controller (BSC):
• Physical address space is divided into eight areas: area 0, areas 2 to 4; each a maximum of 64
Mbytes, and areas 5A, 5B, 6A, 6B; each a maximum of 32 Mbytes.
• The following features are settable for each area.
Bus size (8, 16 or 32 bits): The supported bus size differs for each area.
Number of access wait cycles: Numbers of wait-state cycles during reading and writing are
independently selectable for some areas.
Setting of idle wait cycles: For the same area or different area.
Specifying the memory to be connected to each area enables direct connection to SRAM,
SRAM with byte selection, burst ROM (synchronization/asynchronous), SDRAM and
PCMCIA.
• Outputs chip select signal (CS0, CS2 to CS4, CS5A/B, and CS6A/B) for corresponding area
(The CS assert/negate timing can be selected by software.)
Direct memory access controller (DMAC):
• Six channels. Two of these channels (ch0 and ch1) support external requests.
• Supports burst mode and cycle-stealing mode
Timer unit (TMU):
• 3-channel auto reload 32-bit on-chip timer
• 4 types of counter input clocks can be selected
Realtime clock (RTC)*
1:
• On-chip clock, calendar, and alarm
• On-chip 32 kHz crystal oscillator with 1/256-second resolution (interrupt cycle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com