Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7713 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 107Page - Renesas Technology Corp SH7713 Datasheet HTML 108Page - Renesas Technology Corp SH7713 Datasheet HTML 109Page - Renesas Technology Corp SH7713 Datasheet HTML 110Page - Renesas Technology Corp SH7713 Datasheet HTML 111Page - Renesas Technology Corp SH7713 Datasheet HTML 112Page - Renesas Technology Corp SH7713 Datasheet HTML 113Page - Renesas Technology Corp SH7713 Datasheet HTML 114Page - Renesas Technology Corp SH7713 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 904 page
background image
Section 3 DSP Operating Unit
Rev.1.50 Aug. 30, 2006 Page 71 of 860
REJ09B0288-0150
Section 3 DSP Operating Unit
3.1
DSP Extended Functions
This LSI incorporates a DSP unit and X/Y memory directly connected to the DSP unit. This LSI
supports the DSP extended function instruction sets needed to control the DSP unit and X/Y
memory. The DSP extended function instructions are divided into four groups.
Extended System Control Instructions for the CPU: If the DSP extended function is enabled,
the following extended system control instructions can be used for the CPU.
• Repeat loop control instructions and repeat loop control register access instructions are added.
Looped programs can be executed efficiently by using the zero-overhead repeat control unit.
For details, refer to section 3.3, CPU Extended Instructions.
• Modulo addressing control instructions and control register access instructions are added.
Function allows access to data with a circular structure. For details, refer to section 3.4, DSP
Data Transfer Instructions.
• DSP unit register access instructions are added. Some of the DSP unit registers can be used in
the same way as the CPU system registers. For details, refer to section 3.4, DSP Data Transfer
Instructions.
Data Transfer Instructions for Data Transfers between DSP Unit Registers and On-Chip
X/Y memory: Data transfer instructions for data transfers between the DSP unit registers and on-
chip X/Y memory are called double-data transfer instructions. Instruction codes for these double-
transfer instructions are 16 bit codes as well as CPU instruction codes. These data transfer
instructions perform data transfers between the DSP unit and on-chip X/Y memory that is directly
connected to the DSP unit. These data transfer instructions can be described in combination with
other DSP unit operation instructions. For details, refer to section 3.4, DSP Data Transfer
Instructions.
Data Transfer Instructions for Data Transfers between DSP Unit Registers and All Logical
Address Spaces: Data transfer instructions for data transfers between DSP unit registers and all
logical address spaces are called single-data transfer instructions. Instruction codes for the double-
transfer instructions are 16 bit codes as well as CPU instruction codes. These data transfer
instructions performs data transfers between the DSP unit registers and all logical address spaces.
For details, refer to section 3.4, DSP Data Transfer Instructions.
DSP Unit Operation Instructions: DSP unit operation instructions are called DSP data operation
instructions. These instructions are provided to execute digital signal processing operations at high
speed using the DSP. Instruction codes for these instructions are 32 bits. The DSP data operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com