Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 360 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 360 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 356Page - Renesas Technology Corp H8/3003 Datasheet HTML 357Page - Renesas Technology Corp H8/3003 Datasheet HTML 358Page - Renesas Technology Corp H8/3003 Datasheet HTML 359Page - Renesas Technology Corp H8/3003 Datasheet HTML 360Page - Renesas Technology Corp H8/3003 Datasheet HTML 361Page - Renesas Technology Corp H8/3003 Datasheet HTML 362Page - Renesas Technology Corp H8/3003 Datasheet HTML 363Page - Renesas Technology Corp H8/3003 Datasheet HTML 364Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 715 page
background image
Setup Procedure for Complementary PWM Mode: Figure 10-33 shows a sample procedure for
setting up complementary PWM mode.
Figure 10-33 Setup Procedure for Complementary PWM Mode (Example)
Complementary PWM mode
1. Clear bits STR3 and STR4 to 0 in
TSTR to halt the timer counters.
Complementary PWM mode must be
set up while TCNT3 and TCNT4 are
halted.
Complementary PWM mode
Stop counting
1
Select counter clock
2
Select complementary
PWM mode
3
Set TCNTs
4
Set general registers
5
Start counters
6
2. Set bits TPSC2 to TPSC0 in TCR to
select the same counter clock source
for channels 3 and 4. If an external
clock source is selected, select the
external clock edge(s) with bits
CKEG1 and CKEG0 in TCR. Do not
select any counter clear source
with bits CCLR1 and CCLR0 in TCR.
3. Set bits CMD1 and CMD0 in TFCR
to select complementary PWM mode.
TIOCA3, TIOCB3, TIOCA4, TIOCB4,
TOCXA4, and TOCXB4 automatically
become PWM output pins.
4. Clear TCNT4 to H'0000. Set the
non-overlap margin in TCNT3. Do not
set TCNT3 and TCNT4 to the same
value.
5. GRA3 is the waveform period
register. Set the upper limit value of
TCNT3 minus 1 in GRA3. Set
transition times of the PWM output
waveforms in GRB3, GRA4, and
GRB4. Set times within the compare
match range of TCNT3 and TCNT4.
T
X (X: initial setting of GRB3,
GRA4, or GRB4. T: initial setting of
TCNT3)
≤
6. Set bits STR3 and STR4 in TSTR to
1 to start TCNT3 and TCNT4.
Note: After exiting complementary PWM mode, to resume operating in complementary
PWM mode, follow the entire setup procedure from step 1 again.
342



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com