Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 361 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 357Page - Renesas Technology Corp H8/3003 Datasheet HTML 358Page - Renesas Technology Corp H8/3003 Datasheet HTML 359Page - Renesas Technology Corp H8/3003 Datasheet HTML 360Page - Renesas Technology Corp H8/3003 Datasheet HTML 361Page - Renesas Technology Corp H8/3003 Datasheet HTML 362Page - Renesas Technology Corp H8/3003 Datasheet HTML 363Page - Renesas Technology Corp H8/3003 Datasheet HTML 364Page - Renesas Technology Corp H8/3003 Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 715 page
background image
Clearing Procedure for Complementary PWM Mode: Figure 10-34 shows the steps to clear
complementary PWM mode. First, (1) set combination mode (CMD) 1 and 0 bits in the timer
function control register (TFCR) from 10 back to 00 or 01, to switch from complementary PWM
mode to normal operating mode. Next, (2) wait at least one period of the counter input clock used
by channels 3 and 4, then clear counter start (STR) 3 and 4 bits in the timer start register (TSTR)
to stop operation of counters TCNT3 and TCNT4 in channels 3 and 4.
If a procedure other than that described above is used to clear complementary PWM mode, the
output waveform may not change according to the setting when complementary PWM mode is set
again.
Figure 10-34 Clearing Procedure for Complementary PWM Mode
343
Complementary PWM mode
1. Clear the CMD1 bit of TFCR to 0 to
set channels 3 and 4 to normal
operating mode.
Normal operating mode
Clear complementary
PWM mode
1
Stop couating
2
2. After setting channels 3 and 4 to
normal operating mode, wait at least
one counter clock period, then clear
bits STR3 and STR4 of TSTR to 0 to
stop counter operation of TCNT3 and
TCNT4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com