Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 404 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 404 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 400Page - Renesas Technology Corp H8/3003 Datasheet HTML 401Page - Renesas Technology Corp H8/3003 Datasheet HTML 402Page - Renesas Technology Corp H8/3003 Datasheet HTML 403Page - Renesas Technology Corp H8/3003 Datasheet HTML 404Page - Renesas Technology Corp H8/3003 Datasheet HTML 405Page - Renesas Technology Corp H8/3003 Datasheet HTML 406Page - Renesas Technology Corp H8/3003 Datasheet HTML 407Page - Renesas Technology Corp H8/3003 Datasheet HTML 408Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 715 page
background image
11.2.3 Port B Data Direction Register (PBDDR)
PBDDR is an 8-bit write-only register that selects input or output for each pin in port B.
Port B is multiplexed with pins TP15 to TP8. Bits corresponding to pins used for TPC output must
be set to 1. For further information about PBDDR, see section 9.9, Port B.
11.2.4 Port B Data Register (PBDR)
PBDR is an 8-bit readable/writable register that stores TPC output data for groups 2 and 3, when
these TPC output groups are used.
For further information about PBDR, see section 9.9, Port B.
Bit
Initial value
Read/Write
7
PB DDR
0
W
Port B data direction 7 to 0
These bits select input or
output for port B pins
7
6
PB DDR
0
W
6
5
PB DDR
0
W
5
4
PB DDR
0
W
4
3
PB DDR
0
W
3
2
PB DDR
0
W
2
1
PB DDR
0
W
1
0
PB DDR
0
W
0
Bit
Initial value
Read/Write
0
PB
0
R/(W)
0
1
PB
0
R/(W)
1
2
PB
0
R/(W)
2
3
PB
0
R/(W)
3
4
PB
0
R/(W)
4
5
PB
0
R/(W)
5
6
PB
0
R/(W)
6
7
PB
0
R/(W)
7
Port B data 7 to 0
These bits store output data
for TPC output groups 2 and 3
*
*
**
**
*
*
Note:
Bits selected for TPC output by NDERB settings become read-only bits.
*
386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com