Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 405 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 405 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 401Page - Renesas Technology Corp H8/3003 Datasheet HTML 402Page - Renesas Technology Corp H8/3003 Datasheet HTML 403Page - Renesas Technology Corp H8/3003 Datasheet HTML 404Page - Renesas Technology Corp H8/3003 Datasheet HTML 405Page - Renesas Technology Corp H8/3003 Datasheet HTML 406Page - Renesas Technology Corp H8/3003 Datasheet HTML 407Page - Renesas Technology Corp H8/3003 Datasheet HTML 408Page - Renesas Technology Corp H8/3003 Datasheet HTML 409Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 715 page
background image
11.2.5 Next Data Register A (NDRA)
NDRA is an 8-bit readable/writable register that stores the next output data for TPC output groups
1 and 0 (pins TP7 to TP0). During TPC output, when an ITU compare match event specified in
TPCR occurs, NDRA contents are transferred to the corresponding bits in PADR. The address of
NDRA differs depending on whether TPC output groups 0 and 1 have the same output trigger or
different output triggers.
NDRA is initialized to H'00 by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Same Trigger for TPC Output Groups 0 and 1: If TPC output groups 0 and 1 are triggered by
the same compare match event, the NDRA address is H'FFA5. The upper 4 bits belong to group 1
and the lower 4 bits to group 0. Address H'FFA7 consists entirely of reserved bits that cannot be
modified and always read 1.
Address H'FFA5
Address H'FFA7
Bit
Initial value
Read/Write
7
NDR7
0
R/W
6
NDR6
0
R/W
5
NDR5
0
R/W
4
NDR4
0
R/W
3
NDR3
0
R/W
2
NDR2
0
R/W
1
NDR1
0
R/W
0
NDR0
0
R/W
Next data 3 to 0
These bits store the next output
data for TPC output group 0
Next data 7 to 4
These bits store the next output
data for TPC output group 1
Bit
Initial value
Read/Write
0
—
1
—
1
—
1
—
2
—
1
—
3
—
1
—
4
—
1
—
5
—
1
—
6
—
1
—
7
—
1
—
Reserved bits
387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com