Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 419 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 419 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 415Page - Renesas Technology Corp H8/3003 Datasheet HTML 416Page - Renesas Technology Corp H8/3003 Datasheet HTML 417Page - Renesas Technology Corp H8/3003 Datasheet HTML 418Page - Renesas Technology Corp H8/3003 Datasheet HTML 419Page - Renesas Technology Corp H8/3003 Datasheet HTML 420Page - Renesas Technology Corp H8/3003 Datasheet HTML 421Page - Renesas Technology Corp H8/3003 Datasheet HTML 422Page - Renesas Technology Corp H8/3003 Datasheet HTML 423Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 715 page
background image
Example of Normal TPC Output (Example of Five-Phase Pulse Output): Figure 11-5 shows
an example in which the TPC is used for cyclic five-phase pulse output.
Figure 11-5 Normal TPC Output Example (Five-Phase Pulse Output)
GRA
H'0000
NDRB
PBDR
TP15
TP14
TP13
TP12
TP11
•
•
•
•
Time
80
TCNT
TCNT value
C0
40
60
20
30
10
18
08
88
80
C0
Compare match
The ITU channel to be used as the output trigger channel is set up so that GRA is an output compare
register and the counter will be cleared by compare match A. The trigger period is set in GRA.
The IMIEA bit is set to 1 in TIER to enable the compare match A interrupt.
H'F8 is written in PBDDR and NDERB, and bits G3CMS1, G3CMS0, G2CMS1, and G2CMS0 are set in
TPCR to select compare match in the ITU channel set up in step 1 as the output trigger.
Output data H'80 is written in NDRB.
The timer counter in this ITU channel is started. When compare match A occurs, the NDRB contents
are transferred to PBDR and output. The compare match/input capture A (IMFA) interrupt service routine
writes the next output data (H'C0) in NDRB.
Five-phase overlapping pulse output (one or two phases active at a time) can be obtained by writing
H'40, H'60, H'20, H'30, H'10, H'18, H'08, H'88… at successive IMFA interrupts. If the DMAC is set for
activation by this interrupt, pulse output can be obtained without loading the CPU.
00
80
C0
40
60
20
30
10
18
08
88
80
C0
40
401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com