Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 423 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 423 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 419Page - Renesas Technology Corp H8/3003 Datasheet HTML 420Page - Renesas Technology Corp H8/3003 Datasheet HTML 421Page - Renesas Technology Corp H8/3003 Datasheet HTML 422Page - Renesas Technology Corp H8/3003 Datasheet HTML 423Page - Renesas Technology Corp H8/3003 Datasheet HTML 424Page - Renesas Technology Corp H8/3003 Datasheet HTML 425Page - Renesas Technology Corp H8/3003 Datasheet HTML 426Page - Renesas Technology Corp H8/3003 Datasheet HTML 427Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 715 page
background image
11.4 Usage Notes
11.4.1 Operation of TPC Output Pins
TP0 to TP15 are multiplexed with ITU, DMAC, and other pin functions. When ITU or DMAC
output is enabled, the corresponding pins cannot be used for TPC output. The data transfer from
NDR bits to DR bits takes place, however, regardless of the usage of the pin.
Pin functions should be changed only under conditions in which the output trigger event will not
occur.
11.4.2 Note on Non-Overlapping Output
During non-overlapping operation, the transfer of NDR bit values to DR bits takes place as
follows.
1.
NDR bits are always transferred to DR bits at compare match A.
2.
At compare match B, NDR bits are transferred only if their value is 0. Bits are not transferred
if their value is 1.
Figure 11-9 illustrates the non-overlapping TPC output operation.
Figure 11-9 Non-Overlapping TPC Output
DDR
NDER
QQ
TPC output pin
DR
NDR
C
QD
QD
Compare match A
Compare match B
Internal
data bus
405



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com