Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 425 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 425 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 421Page - Renesas Technology Corp H8/3003 Datasheet HTML 422Page - Renesas Technology Corp H8/3003 Datasheet HTML 423Page - Renesas Technology Corp H8/3003 Datasheet HTML 424Page - Renesas Technology Corp H8/3003 Datasheet HTML 425Page - Renesas Technology Corp H8/3003 Datasheet HTML 426Page - Renesas Technology Corp H8/3003 Datasheet HTML 427Page - Renesas Technology Corp H8/3003 Datasheet HTML 428Page - Renesas Technology Corp H8/3003 Datasheet HTML 429Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 715 page
background image
Section 12 Watchdog Timer
12.1 Overview
The H8/3003 has an on-chip watchdog timer (WDT). The WDT has two selectable functions: it
can operate as a watchdog timer to supervise system operation, or it can operate as an interval
timer. As a watchdog timer, it generates a reset signal for the H8/3003 chip if a system crash
allows the timer counter (TCNT) to overflow before being rewritten. In interval timer operation,
an interval timer interrupt is requested at each TCNT overflow.
12.1.1 Features
WDT features are listed below.
•
Selection of eight counter clock sources
ø/2, ø/32, ø/64, ø/128, ø/256, ø/512, ø/2048, or ø/4096
•
Interval timer option
•
Timer counter overflow generates a reset signal or interrupt.
The reset signal is generated in watchdog timer operation. An interval timer interrupt is
generated in interval timer operation.
•
Watchdog timer reset signal resets the entire H8/3003 internally, and can also be output
externally.
The reset signal generated by timer counter overflow during watchdog timer operation resets
the entire H8/3003 internally. An external reset signal can be output from the
RESO pin to
reset other system devices simultaneously.
407



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com